Electronic Components Datasheet Search
  English  ▼

X  

FXE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FXE
Description  Low Profile Compact Size / High Contact Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FXE Datasheet HTML 1Page - List of Unclassifed Manufacturers FXE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3VDC
45W
5VDC
125W
6VDC
180W
70%V Max.
10%V Min.
200%V of
Approx.
9VDC
405W
of rated
of rated
rated voltage
0.2W
10VDC
500W
voltage
voltage
12VDC
720W
24VDC
2,880W
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
(732) 922-6333 Phone
(732) 922-6363 Fax
n Features
• Low Profile Compact Size
• High Contact Capacity
• High Sensitivity
200 mW nominal (98mW Pull-in)
• Easy Flow-Soldering
• Solvent Compatibility
n Coil Rating (at 20°C)
FXE
UL UL E50288
CSA LR700402
n Specifications
Contact Arrangement
1 Form A
1 Form C
Contact Material
Standard : Silver alloy
Low level : Gold-plated silver alloy
Rated Load
250VAC•10A(resistive)
250VAC•7A(resistive)
30VDC•10A(resistive)
30VDC•7A(resistive)
Max. Switching Power
2,500VA/300W
1,750VA/210W
Max. Switching Current
10A
7A
Max. Switching Voltage
380VAC/125VDC
Contact Resistance (Initial)
30m W Max. at 6VDC•1A after throw
1000VAC for 1 minute between across contacts
Dielectric Strength
2000VAC for 1 minute between coil and contacts
Insulation Resistance
1000MW Min. at 500VDC
Operate Time
10msMax.
Release Time
10ms Max.
False Operation
Approx.20G
Shock
Endurance
Approx.100G
False Operation
10 to 55 Hz, amplitude 1.5mm
Vibration Endurance
10 to 55 Hz, amplitude 1.5mm
Mechanical Life
50 X 106 times
(Switching frequency: 300 times/minute)
Electrical Life
1 X 105 times at rated load
(Switching frequency: 30 times/minute)
Ambient Temperature
-40 to + 70°C
Weight
Approx. 5.5 grams.
RatedVoltage
Coil Resistance
Pull-in
Drop-out
Max. Allowable
Rated Power
Voltage
Voltage
Voltage


Similar Part No. - FXE

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FXE10-10M1Y PANDUIT-FXE10-10M1Y Datasheet
685Kb / 1P
Opti-Core 10Gig 50/125um (OM3/OM4) Patch Cords and Pigtails
logo
Contec Co., Ltd
FXE3000 CONTEC-FXE3000 Datasheet
353Kb / 2P
IEEE802.11n/a/b/g Embedded Wireless LAN
FXE3000-EU CONTEC-FXE3000-EU Datasheet
353Kb / 2P
IEEE802.11n/a/b/g Embedded Wireless LAN
FXE3000-KR CONTEC-FXE3000-KR Datasheet
353Kb / 2P
IEEE802.11n/a/b/g Embedded Wireless LAN
FXE3000-TW CONTEC-FXE3000-TW Datasheet
353Kb / 2P
IEEE802.11n/a/b/g Embedded Wireless LAN
More results

Similar Description - FXE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CMK04B06TH DELTA-CMK04B06TH Datasheet
76Kb / 1P
High performance, Low cost, Compact size
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
High Capacity Standard Size Toggles
S114 NKK-S114 Datasheet
64Kb / 1P
Low Capacity Standard Size Toggles
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
Capsule contact Mechanism and High-capacity Cut-off Compact Relay
AM1306K PANASONIC-AM1306K Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
logo
Omron Electronics LLC
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
High Capacity, Low Profile Relay
logo
Abracon Corporation
APAE1575R2540AADBE-T ABRACON-APAE1575R2540AADBE-T Datasheet
2Mb / 3P
Compact Size and Low Profile
11.13.14
APAE1590R2540AKDB1-T ABRACON-APAE1590R2540AKDB1-T Datasheet
2Mb / 3P
Compact Size and Low Profile
08.20.15
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
High current capacity in compact package.
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
High current capacity in compact package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com