Electronic Components Datasheet Search
  English  ▼

X  

HT6P12 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6P12
Description  Learning Car Alarm Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P12 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6P12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
received 24 bits of customer code are inter-
preted as control signals.
Output function selection
When the last 4 bits (bits 21~24) of the received
24 bits of customer code are interpreted as 4
kinds of control signal outputs, each control
signal output controls an output function.
There are totally 8 kinds of output functions,
i.e., ARM/ DISARM, PANIC, ON/OFF, Q3,
ARM, DISARM, MUTE, and FIND_CAR, which
are further classified into three types A, B, and
C. Each type consists of 4 different output func-
tions. The mapping of the last 4 bits to the 4
kinds of output functions is as shown.
The output type is defined by the option table.
Arm/Disarm control
If the arm and disarm control signals are set on
the same data bit (Output Type A or C), the arm
and disarm states are toggle-controlled by the
same key of the encoder. But, if the arm and
disarm control signals are set as 2 different
data bits (Output Type B), the arm and disarm
states are separately controlled.
After the disarm control signal has been re-
ceived, and the LSI is in the arm state, the car
lamp will flash twice successively (defined by
the “Arm
→Disarm lamp flash times” in the op-
tion table), the chirp sound will be output twice
continuously (defined by the “Arm
→Disarm
chirp sound times” in the option table), the
UNLOCK pin will be active high, a duration
(defined by the “UNLOCK Time” in the option
table), the ARM pin will be active low, and the
alarm system will enter the disarm state. On
the other hand, after the arm control signal has
been received, the car lamp will flash once (de-
fined by the “Disarm
→Arm lamp flash times” in
the option table), the LED will flash at 1Hz rate
continuously (defined by the “Arm state LED
flash period”), the chirp sound will be output
once (defined by the “Disarm
→Arm chirp sound
times” in the option table), the LOCK pin will
be active high, a daration (defined by the
“LOCK Time” in the option table), the ARM pin
will be active high, and the alarm system will
enter the arm state. In addition, the duty of the
chirp sound and lamp flash are both settable in
the option table.
Fig.1 Arm/Disarm Timing
HT6P12
9
2nd Oct ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com