Electronic Components Datasheet Search
  English  ▼

X  

HT9020A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9020A
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9020A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 9Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 10Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 11Page - Holtek Semiconductor Inc HT9020A Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ABR controller
Initial state:
• RDLO=Hi-Impedance
• RDLI=Hi-Impedance
• BREAK=Low
• ABRI=Low
If a negative transition is received on the ABR
pin, then the Auto-busy-dial function will be
executed, and the LED pin will output a 0.86Hz
(duty=0.25) clock. If the device detects a dial
tone, KEY1 and KEY2 pins output a 100ms
pulse to trigger the redial key of the telephone
dialer. The dial tone will be ignored after the
redial key is triggered.
If a busy/reorder tone for three successive win-
dows is received or the line signal is off for
30.2secs or a dial tone appears again for more
than 7 secs after the number is dialed-out, the
device will turn on the internal register to im-
plement the following control:
• Turn off the filter
• BREAK pin output low for on-hook switch
control
• The on-hook timer starts counting the break
time
After the break timer has timed-out, the redial
will be executed again. If the repeat-number
ends, the OVER pin will output a 100ms high
pulse to automatically reset to the initial state.
If the receiver does not answer within 30 cycles,
a ringback tone is produced, and the OVER pin
will output a 100ms high pulse to automatically
reset to the initial state.
The break time and repeat number setting
SEL1 SEL2
Repeat No.
(times)
Break Time
(seconds)
tB1
tB2
0
0
10
62.8
84.9
0
1
10
32.6
34.9
1
0
3
62.8
64.9
1
1
15
4.65
6.97
HT9020
9
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com