Electronic Components Datasheet Search
  English  ▼

X  

MBR560 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBR560
Description  SCHOTTKY DIE SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBR560 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBR560 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHOTTKY DIE SPECIFICATION
TYPE: MBR560
60 V 5 A ( Low Ir)
Single Anode
SYM
Die Sort UNIT
DC Blocking Voltage:
Ir=1mA(for wafer form)
VRRM
63
Volt
Ir=0.5mA (for dice form)
IFAV
Amp
VF MAX
0.645
Volt
0.82
IR MAX
0.08
mA
Cj MAX
pF
IFSM
Amp
Tj
°C
TSTG
°C
Specification apply to die only. Actual performance may degrade when assembled.
MEMT does not guarantee device performance after assembly.
Data sheet information is subjected to change without notice.
DIM
um
2
Mil
2
A
1838
72.36
B
1738
68.4
C
1758
69.2
D
254
10
305
12
Operating Junction Temperature
Storage Temperatures
ITEM
Die Size
DICE OUTLINE DRAWING
Maximum Junction Capacitance @ 0V, 1MHZ
MAXIMUM RATINGS
Nonrepetitive Peak Surge Current
VR= 60 Volt, Ta=25°C
ELECTRICAL CHARACTERISTICS
Average Rectified Forward Current
Maximum Instantaneous Forward Voltage
General Description:
120
-65 to +125
-65 to +125
0.655
0.83
@ 5 Amperes, Ta=25°C
@ 15 Amperes, 25°C
Maximum Instantaneous Reverse Voltage
PS:
(1)Cutting street width is around 80um(3.14mil).
(2)Both of top-side and back-side metals are Ti/Ni/Ag.
Thickness (Max)
0.09
Top Metal Pad Size
Passivation Seal
Thickness (Min)
Micro-Electro-Magnetical Tech Co.
Spec. Limit
60
5
B
C
A
Top-side Metal
D
SiO2 Passivation
P+ Guard Ring
Back-side Metal


Similar Part No. - MBR560

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR560 SIRECTIFIER-MBR560 Datasheet
132Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Compact Technology Corp...
MBR560 CTC-MBR560 Datasheet
61Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR560 PANJIT-MBR560 Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
MBR560 SIRECTIFIER-MBR560 Datasheet
212Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
logo
Zibo Seno Electronic En...
MBR560 ZSELEC-MBR560 Datasheet
136Kb / 2P
5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR560

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification
logo
List of Unclassifed Man...
MBR340 ETC-MBR340 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR2100 ETC-MBR2100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR240 ETC-MBR240 Datasheet
11Kb / 1P
SCHOTTKY DIE SPECIFICATION
MBR5100 ETC-MBR5100 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
512Mb B-die SDRAM Specification
logo
List of Unclassifed Man...
MB145 ETC1-MB145 Datasheet
27Kb / 1P
SCHOTTKY DIE SPECIFICATION
SMBR240 ETC1-SMBR240 Datasheet
15Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
Samsung semiconductor
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
256Mb J-die SDRAM Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com