Electronic Components Datasheet Search
  English  ▼

X  

TSVF Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TSVF
Description  FR4 PCB BASED 6PAD SMD CMOS/LVDS/LVPECL VCXO (14.3 x 8.7 x 5.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSVF Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TSVF Datasheet HTML 1Page - Transko Electronics, Inc. TSVF Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSVF
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 4: May 2015
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
Unit : mm
5.8
2.5
1.6
5.08
Product series
Output
H: HCMOS
P: LVPECL
L: LVDS
Symmetry
R: 40/60%
S: 45/55%
TSVF
H
50
HM
33
S
100.000M
TR
T
C
Frequency
M: MHz
Supply Voltage
33: 3.3 Volt
50: 5.0 Volt
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
10: ± 10ppm
XX: Two digit for Stability
Pullability
A:
±50ppm
B:
±75ppm
C:
±100ppm
D:
±125ppm
E:
±150ppm
F:
±200ppm
Tape and Reel
TR:
1000/reel
Blank: Cut tape
■ REFLOW PROFILE
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°
Pre-
<10 Sec
<120 Sec
170 ±5°C
Unit : mm
■ PACKAGE DIMENSIONS
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
■ PHASE NOISE (TYPICAL) @ 100MHz (0°C to 70°C)
5.08
1.2
1
3
4
6
2
5
14.3
5.5max
Pin Configuration
HCMOS
LVPECL
LVDS
1
VC
VC
VC
2
En/
Disable
En/
Disable
En/
Disable
3
GND
GND
GND
4
Output
Output
Output
5
N/C
C. output
C.output
6
VDD
VDD
VDD
8.3
Dot denotes pin 1 location
Tristate
T: Pin#2-En/Disable
Pin#5-N/C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com