Electronic Components Datasheet Search
  English  ▼

X  

MOC3020M Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # MOC3020M
Description  6pin DIP photocoupler, triac driver output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3020M Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  MOC3020M Datasheet HTML 1Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 2Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 3Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 4Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 5Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 6Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 7Page - Lite-On Technology Corporation MOC3020M Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
OUTLINE DIMENSIONS
Dual-in-line package :
Wide lead spacing package:
*1. Year date code.
*2. 2-digit work week.
*3. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand).
*4. Model No.: MOC3020, MOC3021, MOC3022, MOC3023
Part No. : MOC3020 thru MOC3023 SERIES
Page :
2of8
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com