Electronic Components Datasheet Search
  English  ▼

X  

MOC3022M Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MOC3022M
Description  6pin DIP photocoupler, triac driver output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3022M Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MOC3022M Datasheet HTML 1Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 2Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 3Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 4Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 5Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 6Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 7Page - Lite-On Technology Corporation MOC3022M Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms
* 6pin DIP photocoupler, triac driver output
* High repetitive peak off-state voltage VDRM : Min. 400V
* High critical rate of rise of off-state voltage
( dV/dt : MIN. 100V /
µs )
* Dual-in-line package :
MOC3020, MOC3021, MOC3022, MOC3023
* Wide lead spacing package :
MOC3020M, MOC3021M, MOC3022M, MOC3023M
* Surface mounting package :
MOC3020S, MOC3021S, MOC3022S, MOC3023S
* Tape and reel packaging :
MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1
* UL approved ( No. E113898 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 209049 )
* NEMKO approved ( No. P99102464 )
* DEMKO approved ( No. 99-04182 )
* SEMKO approved ( No. 9943380 / 01-20 )
* VDE approved (No. 094722 )
FEATURES
* Motor Controls
* Solid state relays
* For triggering high power thyristor and triac
* Household use equipment
Part No. : MOC3020 thru MOC3023 SERIES
Page :
1 of 8
BNS-OD-C131/A4


Similar Part No. - MOC3022M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3022M FAIRCHILD-MOC3022M Datasheet
111Kb / 10P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022M FAIRCHILD-MOC3022M Datasheet
526Kb / 10P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022M FAIRCHILD-MOC3022M Datasheet
526Kb / 10P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022M FAIRCHILD-MOC3022M Datasheet
275Kb / 11P
6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
Shenzhen Tenand Technol...
MOC3022M TENAND-MOC3022M Datasheet
193Kb / 9P
Property of Lite-on Only
More results

Similar Description - MOC3022M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
June 14, 2013
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
June 14, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com