Electronic Components Datasheet Search
  English  ▼

X  

TXCS Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TXCS
Description  COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TXCS Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TXCS Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
TXCS Series
Rev. 2: Jan. 2015
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
FEATURES
Designed for Cospas-Sarsat Beacon application
Frequency stability ±0.20ppm
LVCMOS or Clipped sinewave output
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
MODEL
TXCS-H(x)
TXCS-P(x)
NOMINAL FREQUENCIES
10.000M, 12.688375M, 12.688656M, 12.688750M, 16.367M
FREQUENCY TOLERANCE @ 25°C
±0.5ppm max.
FREQUENCY
STABILITY
vs. TEMPERATURE RANGE
±0.2ppm max. reference to (FMAX + FMIN)/2 @ -20°C ~ 55°C
vs. LOAD
±0.1ppm max.
vs. SUPPLY VOLTAGE
±0.1ppm max.
vs. ALLAN VARIANCE (tau=100ms)
±1.0ppb max.
OPERATING TEMPERATURE RANGE
(x) = A: -20°C ~ 55°C or (x) = B: -40°C ~ 55°C
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ±5%
3.3V
SUPPLY CURRENT
6.0mA max.
OUTPUT
LOGIC FAMILY
LVCMOS
Clipped Sine wave
LOAD
15pF*
10KΩ//10pF*
LEVEL
10% / 90% VCC
0.8Vp-p min.
SYMMETRY (DUTY CYCLE)
45% / 55%
-
RISE AND FALL TIME (Tr/Tf)
8.0mS max.
-
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VCC min.**
DISABLE (VIL)
0.3 x VCC max.
MEAN SLOPE
(dF/dt)
STEADY STATE CONDITIONS
±0.7ppb / minute max.
DURING AND 15MIN. AFTER VARIABLE
TEMP. CONDITION
±1.7ppb / minute max.
RESIDUAL dF FROM SLOPE
±1.0ppb max.
REFLOW SOLDERING
±1.0ppm max.
AGING
±1.0ppm max.
1ST YEAR
10 YEARS
±3.0ppm max.
PHASE NOISE
10Hz
-
90dBc/Hz
100Hz
-
115dBc/Hz
1kHz
-
127dBc/Hz
10kHz
-
137dBc/Hz
100kHz
-
143dBc/Hz
Unit : mm
Pin Configuration
10
NC
1,2,3,6,7 Do Not Connect
4
GND
5
RF Output
8
En/disable
9
Supply, Vcc
Note: Consult factory for details
1.0
1.4
1.2
1.4
1.8
1.3
6.0
2.54
260°C
150 ±5°
Pre-heaing
<10 Sec
<120 Sec
Soldering
■ PACKAGE DIMENSIONS
■ PACKAGE DIMENSIONS
Unit : mm
■ PACKAGE DIMENSIONS
*To achieve an optimal frequency stability, the circuit connected to TCXO must have the correct input capacitance that is specified by the load capacitance
**Oscillator and compensation circuits are active when output is disabled during tri-state The output is enabled with no connection on pin #9 Supply current is ~ 1mA when output is disabled
5
6
10
2.54
0.8
0.6
1
2
4
3
9
8
7
5.9
7.0±0.1


Similar Part No. - TXCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXC-02050 ETC1-TXC-02050 Datasheet
134Kb / 28P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250
TXC-02050-AIPL ETC1-TXC-02050-AIPL Datasheet
134Kb / 28P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250
TXC-02050C ETC1-TXC-02050C Datasheet
452Kb / 36P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250C
TXC-02050CIPL ETC1-TXC-02050CIPL Datasheet
452Kb / 36P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250C
logo
TAI-SAW TECHNOLOGY CO.,...
TXC0001A TAI-SAW-TXC0001A Datasheet
212Kb / 8P
SMD 2.0x1.6 32.768MHz Crystal Oscillators
REV. NO: 1
More results

Similar Description - TXCS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Transko Electronics, In...
TE-S TRANSKO-TE-S Datasheet
489Kb / 2P
TCXO/VCTCXO SMD (7.0 x 5.0 x 1.7mm)
Rev. 0: Oct. 2015
TFC TRANSKO-TFC Datasheet
328Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
TX-K TRANSKO-TX-K Datasheet
532Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev. 2: JuL. 2015
TX-P TRANSKO-TX-P Datasheet
315Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
TX-R TRANSKO-TX-R Datasheet
324Kb / 2P
(VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
Rev 2: 03-02-2023
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com