Electronic Components Datasheet Search
  English  ▼

X  

OPA875ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875ID
Description  Single 2:1 High-Speed Video Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA875ID Datasheet HTML 9Page - Texas Instruments OPA875ID Datasheet HTML 10Page - Texas Instruments OPA875ID Datasheet HTML 11Page - Texas Instruments OPA875ID Datasheet HTML 12Page - Texas Instruments OPA875ID Datasheet HTML 13Page - Texas Instruments OPA875ID Datasheet HTML 14Page - Texas Instruments OPA875ID Datasheet HTML 15Page - Texas Instruments OPA875ID Datasheet HTML 16Page - Texas Instruments OPA875ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
BOARD LAYOUT GUIDELINES
e =
n
e +(i R ) +4kTR
n
S
b
S
2
2
(7)
THERMAL ANALYSIS
P =10Vx11mA+(5 [4x(100
||804 ) ] )=180mW
D
W
W
2
MaximumT =+85 C+(0.18mWx140°C/W)=110°C
J
°
OPA875
SBOS340 – DECEMBER 2006
Dividing this expression by the device gain (2V/V)
gives the equivalent input-referred spot noise voltage
Achieving
optimum
performance
with
a
high
at the noninverting input as shown in Equation 7.
frequency amplifier such as the OPA875 requires
careful attention to board layout parasitics and
external component types. Recommendations that
will optimize performance include:
Evaluating these two equations for the OPA875
circuit and component values shown in Figure 30
a) Minimize parasitic capacitance to any AC
gives a total output spot noise voltage of 13.6nV/
√Hz
ground for all of the signal I/O pins. Parasitic
and a total equivalent input spot noise voltage of
capacitance on the output pin can cause instability:
6.8nV/
√Hz. This total input-referred spot noise
on the noninverting input, it can react with the source
voltage is higher than the 6.7nV/
√Hz specification for
impedance to cause unintentional bandlimiting. To
the mux voltage noise alone. This number reflects
reduce unwanted capacitance, a window around the
the noise added to the output by the bias current
signal I/O pins should be opened in all of the ground
noise times the source resistor.
and power planes around those pins. Otherwise,
ground and power planes should be unbroken
elsewhere on the board.
Heatsinking or forced airflow may be required under
b) Minimize the distance (< 0.25") from the
extreme operating conditions. Maximum desired
power-supply
pins
to
high
frequency
0.1
µF
junction temperature will set the maximum allowed
decoupling capacitors. At the device pins, the
internal power dissipation as discussed in this
ground and power plane layout should not be in
document. In no case should the maximum junction
close proximity to the signal I/O pins. Avoid narrow
temperature be allowed to exceed +150
°C.
power and ground traces to minimize inductance
between the pins and the decoupling capacitors. The
Operating junction temperature (TJ) is given by TA +
power-supply connections (on pins 9, 11, 13, and 15)
PD × θJA. The total internal power dissipation (PD) is
should always be decoupled with these capacitors.
the sum of quiescent power (PDQ) and additional
An optional supply decoupling capacitor across the
power dissipated in the output stage (PDL) to deliver
two power supplies (for bipolar operation) will
load power. Quiescent power is simply the specified
improve 2nd-harmonic distortion performance. Larger
no-load supply current times the total supply voltage
(2.2
µF to 6.8µF) decoupling capacitors, effective at
across the part. PDL depends on the required output
lower frequency, should also be used on the main
signal and load but, for a grounded resistive load, be
supply pins. These may be placed somewhat farther
at a maximum when the output is fixed at a voltage
from the device and may be shared among several
equal to 1/2 of either supply voltage (for equal
devices in the same area of the PCB.
bipolar supplies). Under this condition PDL = VS
2/(4
×
RL), where RL includes feedback network loading.
c) Careful selection and placement of external
components will preserve the high-frequency
Note that it is the power in the output stage and not
performance of the OPA875. Resistors should be a
in
the
load
that
determines
internal
power
very low reactance type. Surface-mount resistors
dissipation.
work
best
and
allow
a
tighter
overall
layout.
As a worst-case example, compute the maximum TJ
Metal-film and carbon composition, axially leaded
using an OPA875IDGK in the circuit of Figure 30
resistors can also provide good high-frequency
operating
at
the
maximum
specified
ambient
performance. Again, keep their leads and printed
temperature of +85
°C with its outputs driving a
circuit board (PCB) trace length as short as possible.
grounded 100
Ω load to +2.5V:
Never
use
wirewound
type
resistors
in
a
high-frequency
application.
Other
network
components, such as noninverting input termination
resistors, should also be placed close to the
package.
This worst-case condition does not exceed the
maximum
junction
temperature.
Normally,
this
d) Connections to other wideband devices on the
extreme case is not encountered. Careful attention to
board may be made with short direct traces or
internal power dissipation is required.
through onboard transmission lines. For short
connections, consider the trace and the input to the
next device as a lumped capacitive load. Relatively
wide traces (50mils to 100mils) should be used,
preferably with ground and power planes opened up
around them.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com