Electronic Components Datasheet Search
  English  ▼

X  

PAN301A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAN301A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PAN301A Datasheet HTML 16Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 17Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 18Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 19Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 20Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 21Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 22Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 23Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
7.3 Typical Application for PS/2 Interface
C1
10uF
C2
0.1uF
SW1
L
1
2
X1
18.432MHz
JP1
HEADER 4
1
2
3
4
R1
D1
LED
ENSW1
ENCODER
1
2
3
Z2
Z1
COM
+
C3
10uF
C6
0.1uF
SW2
M
1
2
U1
PAN301ASI-20X
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
NC
NC
PD
VSS_LED
OSCIN
YB
VREFB
VSS
VSS
SCLK
SDIO
NC
LED
OSCOUT
YA
VDD
VREFA
NC
SW3
R
1
2
+
C4
1uF
U2
EM84510FP
2
7
16
5
6
14
12
13
10
9
1
8
15
11
4
3
OSC.OUT
OPT
OSCR
CLK
DATA
Y1
X1
X2
M
R
VDD
VSS
Y2
L
Z2
Z1
C5
0.1uF
R2
51K
DATA
VCC_5V
CLK
GND
Figure 22. Application circuit using quadrature output with PAN301ASI-20X
Figure 23. Example printed circuit board layout. (PAN301ASI-20X V.S EM84510FP)
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com