Electronic Components Datasheet Search
  English  ▼

X  

UPD6P5 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD6P5
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P5 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD6P5 Datasheet HTML 11Page - Renesas Technology Corp UPD6P5 Datasheet HTML 12Page - Renesas Technology Corp UPD6P5 Datasheet HTML 13Page - Renesas Technology Corp UPD6P5 Datasheet HTML 14Page - Renesas Technology Corp UPD6P5 Datasheet HTML 15Page - Renesas Technology Corp UPD6P5 Datasheet HTML 16Page - Renesas Technology Corp UPD6P5 Datasheet HTML 17Page - Renesas Technology Corp UPD6P5 Datasheet HTML 18Page - Renesas Technology Corp UPD6P5 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
13
µPD6P5
Data Sheet U14760EJ1V0DS00
3.2 Program Memory Writing Procedure
The program memory is written at high speed in the following procedure.
(1)
Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2)
Supply 5 V to the VDD pin. Keep the VPP pin low.
(3)
Supply 5 V to the VPP pin after waiting for 10
µs.
(4)
Wait for 2 ms until oscillation of the ceramic resonator connected across the XIN and XOUT pins stabilizes.
(5)
Set the program memory address 0 clear mode by using the mode setting pins.
(6)
Supply 6 V to VDD and 12.5 V to VPP.
(7)
Set the program inhibit mode.
(8)
Write data to the program memory in the 1-ms write mode.
(9)
Set the program inhibit mode.
(10) Set the verify mode. If the data have been written to the program memory, proceed to (11). If not, repeat
steps (8) through (10).
(11) Additional writing of (number of times of writing in (8) through (10): X)
× 1 ms.
(12) Set the program inhibit mode.
(13) Input a pulse to the CLK pin four times to update the program memory address (+1).
(14) Repeat steps (8) through (13) up to the last address.
(15) Set the 0 clear mode of the program memory address.
(16) Change the voltages on the VDD and VPP pins to 5 V.
(17) Turn off power.
The following figure illustrates steps (2) through (13) above.
Repeated X time
Reset
Oscillation stabilization
wait time
Write
Verify
Additional write
Address
increment
Data input
Hi-Z
Hi-Z
Hi-Z
Data output
Data input
Hi-Z
VPP
VDD
GND
VDD+1
VDD
GND
CLK
VPP
VDD
D0-D7
MD0
MD1
MD2
MD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com