Electronic Components Datasheet Search
  English  ▼

X  

74AHC595 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74AHC595
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC595 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AHC595 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AHC595 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Nexperia
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Test data is given in Table 9.
Definitions for test circuit:
CL = load capacitance including jig and probe capacitance.
RL = load resistance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
S1 = test selection switch.
Fig. 13. Test circuit for measuring switching times
Table 9. Test data
Input
Load
S1 position
Type
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74AHC595
VCC
≤ 3.0 ns
15 pF, 50 pF
1 kΩ
open
GND
VCC
74AHCT595
3.0 V
≤ 3.0 ns
15 pF, 50 pF
1 kΩ
open
GND
VCC
74AHC_AHCT595
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 26 May 2020
13 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com