Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC14 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVC14 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74ALVC14
Hex inverting Schmitt trigger
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74ALVC14D
-40 °C to +85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ALVC14PW -40 °C to +85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74ALVC14BQ -40 °C to +85 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1
4. Functional diagram
mna204
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
Fig. 1. Logic symbol
8
9
10
11
001aac497
12
13
2
1
4
3
6
5
Fig. 2. IEC logic symbol
mna025
A
Y
Fig. 3. Logic diagram (one Schmitt trigger)
74ALVC14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com