Electronic Components Datasheet Search
  English  ▼

X  

74ALVC14D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74ALVC14D
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC14D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC14D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVC14D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74ALVC14
Hex inverting Schmitt trigger
11.1. Transfer characteristics waveforms
mna207
VO
VI
VH
VT+
VT-
a. Transfer characteristics
mna208
VO
VI
VH
VT+
VT-
VT- at 20 % and VT+ at 70 %
b. Transfer characteristics definitions
Fig. 9. Definition of VT+, VT- and VH
0
0.6
1.2
3
5
4
0
1
2
3
mna582
1.8
2.4
VI (V)
ICC
(mA)
VCC = 3.0 V
Fig. 10. Typical transfer characteristic
74ALVC14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
9 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com