Electronic Components Datasheet Search
  English  ▼

X  

74ALVC244 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC244
Description  Octal buffer/line driver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC244 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC244 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC244 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
74ALVC244
Octal buffer/line driver; 3-state
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
Output
nOE
nAn
nYn
L
L
L
L
H
H
H
X
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-0.5
+4.6
V
output HIGH or LOW state
[1]
-0.5
VCC + 0.5 V
output OFF-state
-0.5
+4.6
V
VO
output voltage
power-down mode; VCC = 0 V
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-
-50
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VCC = 1.65 to 3.6 V;
output HIGH or LOW state
0
VCC
V
VCC = 1.65 to 3.6 V; output OFF-state
0
3.6
V
VO
output voltage
VCC = 0 V; power-down mode
0
3.6
V
Tamb
ambient temperature
in free air
-40
+85
°C
VCC = 1.65 V to 2.7 V
0
20
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 2.7 V to 3.6 V
0
10
ns/V
74ALVC244
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com