Electronic Components Datasheet Search
  English  ▼

X  

74ALVC245 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC245 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
74ALVC245
Octal bus transceiver; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7.
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
An to Bn; Bn to An; see Fig. 5
[2]
VCC = 1.65 V to 1.95 V
1.0
2.7
6.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.1
3.5
ns
VCC = 2.7 V
1.0
3.0
3.6
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.3
3.4
ns
OE to An; OE to Bn; see Fig. 6
[2]
VCC = 1.65 V to 1.95 V
1.0
4.0
8.6
ns
VCC = 2.3 V to 2.7 V
1.0
3.0
6.0
ns
VCC = 2.7 V
1.0
2.6
6.3
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
2.9
5.5
ns
OE to An; OE to Bn; see Fig. 6
[2]
VCC = 1.65 V to 1.95 V
1.0
4.4
8.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.3
4.8
ns
VCC = 2.7 V
1.0
3.3
5.3
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.0
3.2
5.5
ns
per buffer; VI = GND to VCC; VCC = 3.3 V [3]
outputs enabled
-
25
-
pF
CPD
power dissipation
capacitance
outputs disabled
-
1
-
pF
[1] All typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V and 3.3 V.
[2] tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC 2 × fo) = sum of the outputs.
74ALVC245
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 30 April 2021
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com