Electronic Components Datasheet Search
  English  ▼

X  

74ALVC541 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC541 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVC541 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC541 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74ALVC541
Octal buffer/line driver; 3-state
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC = 3.6 V
-
0.2
10
μA
ΔICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
750
μA
CI
input capacitance
-
3.5
-
pF
[1] All typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V and 3.3 V.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7.
Tamb = -40 °C to +85 °C
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
An to Yn; see Fig. 5
[2]
VCC = 1.65V to 1.95 V
1.0
3.0
4.6
ns
VCC = 2.3V to 2.7 V
1.0
2.2
3.3
ns
VCC = 2.7 V
1.0
2.5
3.3
ns
tpd
propagation
delay
VCC = 3.0 V to 3.6 V
1.0
2.3
3.0
ns
OEn to Yn; see Fig. 6
[2]
VCC = 1.65V to 1.95 V
1.0
4.2
7.5
ns
VCC = 2.3V to 2.7 V
1.0
3.3
5.4
ns
VCC = 2.7 V
1.0
3.7
5.8
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
3.3
4.9
ns
OEn to Yn; see Fig. 6
[2]
VCC = 1.65V to 1.95 V
1.0
4.8
7.5
ns
VCC = 2.3V to 2.7 V
1.0
3.1
4.5
ns
VCC = 2.7 V
1.0
3.1
4.8
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.0
2.9
4.6
ns
per buffer; VI = GND to VCC; VCC = 3.3 V
[3]
outputs enabled
-
25
-
pF
CPD
power dissipation
capacitance
outputs disabled
-
0
-
pF
[1] All typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V and 3.3 V.
[2] tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of the outputs.
74ALVC541
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com