Electronic Components Datasheet Search
  English  ▼

X  

74ALVC541D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74ALVC541D
Description  Octal buffer/line driver; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC541D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74ALVC541D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC541D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
74ALVC541
Octal buffer/line driver; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
OE0
1
output enable input (active LOW)
A0, A1, A2, A3, A4, A5, A6, A7
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
18, 17, 16, 15, 14, 13, 12, 11
data output
OE1
19
output enable input (active LOW)
VCC
20
supply voltage
6. Functional description
Table 3. Functional table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Control
Input
Output
OE0
OE1
An
Yn
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
output HIGH or LOW state
[2]
-0.5
VCC + 0.5 V
output 3-state
[2]
-0.5
+4.6
V
VO
output voltage
power-down mode; VCC = 0 V
-0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
500
mW
[1] The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2] The output voltage ratings may be exceeded if the output current ratings are observed.
74ALVC541
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com