Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16244 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16244
Description  16-bit buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16244 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVT16244 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74ALVT16244
16-bit buffer/line driver; 3-state
Rev. 5 — 2 February 2018
Product data sheet
1 General description
The 74ALVT16244 is a high-performance BiCMOS product designed for VCC operation at
2.5V or 3.3V with I/O compatibility up to 5V.
This device is a 16-bit buffer and line driver featuring non-inverting 3-state bus outputs.
The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer.
2 Features and benefits
• 16-bit bus interface
• 3-State buffers
• 5V I/O compatible
• Output capability: +64 mA/–32 mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5 V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5 V bus
• Latch-up protection:
– JESD17: exceeds 500 mA
• ESD protection:
– MIL STD 883 method 3015: exceeds 2000 V
– MM exceeds 200 V
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74ALVT16244DGG -40 °C to +85 °C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1


Similar Part No. - 74ALVT16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244DGG PHILIPS-74ALVT16244DGG Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244DL PHILIPS-74ALVT16244DL Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
More results

Similar Description - 74ALVT16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
16-bit buffer/line driver 3-State
1998 Feb 25
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
16-bit buffer/line driver 3-State
1997 Jul 29
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
16-bit buffer/line driver 3-State
1998 May 19
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com