Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16501 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16501 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT16501 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16501 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1.
General description
The 74ALVT16501 is a high-performance Bipolar Complementary Metal Oxide
Semiconductor (BiCMOS) product designed for VCC operation at 2.5 V and 3.3 V with
I/O compatibility up to 5 V. This device is an 18-bit universal transceiver featuring
non-inverting 3-state bus compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock (CPAB and CPBA) inputs.
For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A-bus data is latched if CPAB is held at a HIGH or LOW level.
If LEAB is LOW, the A-bus data is stored in the latch/flip-flop on the LOW-to-HIGH
transition of CPAB. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the
outputs are in the high-impedance state.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA. The
output enables are complimentary (OEAB is active HIGH and OEBA is active LOW).
2.
Features
s 18-bit bidirectional bus interface
s 5 V I/O compatible
s 3-state buffers
s Output capability: +64 mA to
−32 mA
s TTL and LVTTL input and output switching levels
s Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s Power-up reset
s Power-up 3-state
s No bus current loading when output is tied to 5 V bus
s Positive-edge triggered clock inputs
s Latch-up protection:
x JESD78: exceeds 500 mA
s ESD protection:
x MIL STD 883, method 3015: exceeds 2000 V
x Machine model: exceeds 400 V
74ALVT16501
18-bit universal bus transceiver; 3-state
Rev. 04 — 8 August 2005
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com