Electronic Components Datasheet Search
  English  ▼

X  

TL971IDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL971IDR
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL971IDR Datasheet(HTML) 3 Page - Texas Instruments

  TL971IDR Datasheet HTML 1Page - Texas Instruments TL971IDR Datasheet HTML 2Page - Texas Instruments TL971IDR Datasheet HTML 3Page - Texas Instruments TL971IDR Datasheet HTML 4Page - Texas Instruments TL971IDR Datasheet HTML 5Page - Texas Instruments TL971IDR Datasheet HTML 6Page - Texas Instruments TL971IDR Datasheet HTML 7Page - Texas Instruments TL971IDR Datasheet HTML 8Page - Texas Instruments TL971IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL971, TL972, TL974
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS467A – OCTOBER 2006 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
2.7
17
V
VID
Differential input voltage(3)
±1
V
VIN
Input voltage(4)
VCC– – 0.3
VCC+ + 0.3
V
8 pin
97
D package(5)
14 pin
86
DBV package(5)
206
DRG package(6)
44
θ
JA
Package thermal impedance, junction to free air
°C/W
N package(5)
80
P package(5)
85
8 pin
149
PW package(5)
14 pin
113
TJ
Maximum junction temperature
150
°C
Tlead
Maximum lead temperature
Soldering, 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model (HBM)
2
kV
ESD
Machine Model (MM)
200
V
Charged-Device Model (CDM)
1.5
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Differential voltages for the noninverting input terminal are with respect to the inverting input terminal.
(4)
The input and output voltages must never exceed VCC + 0.3 V.
(5)
Package thermal impedance is calculated in accordance with JESD 51-7.
(6)
Package thermal impedance is calculated in accordance with JESD 51-5.
MIN
MAX
UNIT
VCC
Supply voltage
2.7
15
V
VICM
Common-mode input voltage
VCC– + 1.15 VCC+ – 1.15
V
TA
Operating free-air temperature
–40
125
°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com