Electronic Components Datasheet Search
  English  ▼

X  

MAC224 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC224
Description  Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC224 Datasheet(HTML) 1 Page - Motorola, Inc

  MAC224 Datasheet HTML 1Page - Motorola, Inc MAC224 Datasheet HTML 2Page - Motorola, Inc MAC224 Datasheet HTML 3Page - Motorola, Inc MAC224 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional 40 Amperes RMS
Triode Thyristors
. . . designed primarily for full-wave ac control applications such as lighting systems,
heater controls, motor controls and power supplies.
• Blocking Voltage to 800 Volts
• All Diffused and Glass-Passivated Junctions for Parameter Uniformity and Stability
• Gate Triggering Guaranteed in Three Modes (MAC224 Series) or Four Modes
(MAC224A Series)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1)
(TJ = –40 to 125°C,
1/2 Sine Wave 50 to 60 Hz, Gate Open)
MAC224-4, MAC224A4
MAC224-6, MAC224A6
MAC224-8, MAC224A8
MAC224-10, MAC224A10
VDRM
200
400
600
800
Volts
On-State RMS Current (TC = 75°C)(2)
(Full Cycle Sine Wave 50 to 60 Hz)
IT(RMS)
40
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
350
Amps
Circuit Fusing (t = 8.3 ms)
I2t
500
A2s
Peak Gate Current (t
p 2 µs)
IGM
±2
Amps
Peak Gate Voltage (t
p 2 µs)
VGM
±10
Volts
Peak Gate Power (t
p 2 µs)
PGM
20
Watts
Average Gate Power (TC = 75°C, t p 8.3 ms)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
–40 to 125
°C
Storage Temperature Range
Tstg
–40 to 150
°C
Mounting Torque
—
8
in. lb.
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source
(cont.)
such that the voltage ratings of the devices are exceeded.
2. This device is rated for use in applications subject to high surge conditions. Care must be taken to insure proper heat sinking when the device
is to be used at high sustained currents. (See Figure 1 for maximum case temperatures.)
Order this document
by MAC224/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MAC224
Series
MAC224A
Series
CASE 221A-04
(TO-220AB)
STYLE 4
TRIACs
40 AMPERES RMS
200 thru 800 VOLTS
G
MT2
MT1


Similar Part No. - MAC224

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Digitron Semiconductors
MAC224-10 DIGITRON-MAC224-10 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC224-10 NJSEMI-MAC224-10 Datasheet
114Kb / 3P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
Digitron Semiconductors
MAC224-4 DIGITRON-MAC224-4 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - MAC224

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6342 MOTOROLA-2N6342 Datasheet
114Kb / 6P
TRIACS Silicon Bidirectional Triode Thyristors
T4120 MOTOROLA-T4120 Datasheet
88Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
2N5571 NJSEMI-2N5571 Datasheet
127Kb / 1P
TRIACS SILICON BIDIRECTIONAL TRIODE THYRISTORS
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
MAC228 NJSEMI-MAC228 Datasheet
129Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
MAC320 NJSEMI-MAC320 Datasheet
106Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
T6420 NJSEMI-T6420 Datasheet
95Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
T6400 NJSEMI-T6400 Datasheet
95Kb / 2P
Triacs Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com