Electronic Components Datasheet Search
  English  ▼

X  

HMC232ALP4ETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC232ALP4ETR
Description  GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC232ALP4ETR Datasheet(HTML) 3 Page - Analog Devices

  HMC232ALP4ETR Datasheet HTML 1Page - Analog Devices HMC232ALP4ETR Datasheet HTML 2Page - Analog Devices HMC232ALP4ETR Datasheet HTML 3Page - Analog Devices HMC232ALP4ETR Datasheet HTML 4Page - Analog Devices HMC232ALP4ETR Datasheet HTML 5Page - Analog Devices HMC232ALP4ETR Datasheet HTML 6Page - Analog Devices HMC232ALP4ETR Datasheet HTML 7Page - Analog Devices HMC232ALP4ETR Datasheet HTML 8Page - Analog Devices HMC232ALP4ETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
HMC232A
Rev. B | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Digital control input voltage (VCTRL) = 0 V or −7 V to −3 V, and TC = 25°C in a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
12,000
MHz
INSERTION LOSS
Between RFC and RF1 or RFC and RF2 (On)
100 MHz to 3 GHz
1.4
1.7
dB
100 MHz to 6 GHz
1.5
1.8
dB
100 MHz to 9 GHz
2.0
2.3
dB
100 MHz to 12 GHz
2.5
3.1
dB
RETURN LOSS
Between RFC and RF1 or RFC and RF2 (On)
100 MHz to 6 GHz
18
dB
100 MHz to 9 GHz
14
dB
100 MHz to 12 GHz
12
dB
RF1 or RF2 (Off)
100 MHz to 12 GHz
14
dB
ISOLATION
Between RFC and RF1 or RCF and RF2 (Off)
100 MHz to 3 GHz
52
57
dB
100 MHz to 6 GHz
45
50
dB
100 MHz to 9 GHz
42
47
dB
100 MHz to 12 GHz
40
45
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
6
ns
On Time and Off Time
tON, tOFF
50% of triggered VCTRL to 90% of RF output
25
ns
INPUT LINEARITY1
500 MHz to 12 GHz
Input Compression
0.1 dB
P0.1dB
VCTRL = −3 V
22
dBm
VCTRL = −5 V
28
dBm
1 dB
P1dB
VCTRL = −3 V
26
dBm
VCTRL = −5 V
30
dBm
Intermodulation Distortion
Input Third-Order Intercept
IIP3
VCTRL = −3 V to −7 V, two tone input power =
10 dBm each tone, Δfrequency = 1 MHz
48
dBm
DIGITAL CONTROL INPUTS
A and B pins
Voltage
Low
VINL
−0.2
0
V
High
VINH
−7
−3
V
Current
Low
IINL
0.2
µA
High
IINH
20
µA
RECOMMENDED OPERATING CONDITIONS
RF Input Power
PIN
VCTRL = −5 V, frequency = 500 MHz to 12 GHz,
TC = 85°C
Insertion Loss Path
RF signal is applied to RFC or through connected
RF1 or RF2
30
dBm
Terminated Path
RF signal is applied to the terminated RF1 or RF2
23
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
27
dBm
TC
−40
+85
°C
1
For input linearity performance vs. frequency, see Figure 11 through Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com