Electronic Components Datasheet Search
  English  ▼

X  

PM8310 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM8310
Description  TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8310 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8310 Datasheet HTML 1Page - PMC-Sierra, Inc PM8310 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PM8310 TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
Corporate Head Office:
PMC-Sierra, Inc.
Mission Towers One
3975 Freedom Circle
Santa Clara, CA, 95054, U.S.A.
Tel: 1.408.239.8000
Fax: 1.408. 492.1157
PMC-2060576, Issue 1 © Copyright PMC-Sierra, Inc. 2006. All rights
reserved. For a complete list of PMC-Sierra’s trademarks , visit
www.pmc-sierra.com/legal/. Other product and company names
mentioned herein may be the trademarks of their respective owners.
For corporate information, send email to: info@pmc-sierra.com.
All product documentation is available on our web site at:
www.pmc-sierra.com.
Operations Head Office:
PMC-Sierra, Inc.
100-2700 Production Way
Burnaby, BC V5A 4X1 Canada
Tel: 1.604.415.6000
Fax: 1.604.415.6200
INTERFACES
•
Up to 8 SONET/SDH Network interfaces; 2 may operate at OC-12/
STM-4 rates
•
SONET/SDH Transport and Path overhead interfaces
•
Two 622-Mbit/s Extended Serial SONET/SDH interfaces (ESSIs)
•
Line side serial interface for up to 12 DS3s or E3s
•
System-side Scalable Bandwidth Interconnect (SBI) bus for high
density interconnection of up to 336 T1 streams, 252 E1 streams,
12 DS3 streams, 12 E3 streams, or 12 arbitrary rate streams
•
System-side serial interface for up to 12 DS3s or E3s
•
Flexible bandwidth interface for up to 12 fractional rate links
•
32 Mbit/s synchronous TDM interface (based on H-MVIP)
•
Microprocessor- and IEEE 1149.1-compliant JTAG interface
•
16-bit microprocessor interface
•
Supports transparent virtual tributaries (TVT) where VT1.5/TU-11
and VT2/TU-12 payloads are transported intact between the line
side and the SBI336 bus with pointer processing and low order path
processing; TVT mode is configurable on a per-tributary basis
•
Provides optional jitter attenutation on the T1/E1 transmit and
receive paths, and DS3/E3 transmit and receive paths including
DS3/E3s demapped from SONET/SDH
PACKAGE
•
896-pin FCBGA (31 x 31 mm)
•
Supports industrial temperature range (-40 °C to 85 °C)
APPLICATIONS
•
ATCA/AMC-based line cards
•
Voice and media gateways
•
Wireless base station controllers (BSC) and radio network
controllers (RNC)
•
Routers and multi-service switches
•
Edge aggregation switches
•
Multi-service provisioning platforms
Up to
12xT3/E3
or
NxOC-3
STM-1
Switch
Fabric
SBI
Any-PHY
MLPP/MLFR-enabled Line Card
T3/E3
LIU
or
Optics
Packet
Switch
Interface
PM8310
TEMUX 336
PM7305
FREEDM 336LE
3G BASE STATION/RADIO NETWORK CONTROLLER
L2 Aggregation Card
OC-12/
STM-4
Packet
Fabric
Ethernet
Interfaces
SFP
Optics
NP I/F
FPGA
Network
Processor
PM4390
ARROW M8xFE
SBI
ESSI
PM8310
TEMUX 336
ROUTER/MULTI-SERVICE SWITCH
FURTHER RESOURCES
WIRELINE EQUIPMENT SOLUTIONS
www.pmc-sierra.com/ethernet-sonet-sdh-mac-framer-controller-chips
TECHNICAL DOCUMENTATION
www.pmc-sierra.com/products/DocFind.html
Client Services Termination Card
Network
Processor
Network
Processor
I/F
FPGA
Ethernet
PHY
SBI
PM8310
TEMUX 336
ESSI to Switch
Fabric(working)
ESSI to Switch
Fabric(protect)
10/100/
1000
Ethernet
TRANSPORT EQUIPMENT ADM, MSPP & PACKET ADMs
ML-PPP/ML_FR-enabled
OC-48 / STM-16 Line Card
OC-48/
STM-16
Packet
Switch
I/F
Packet
Fabric
PM7305
FREEDM
336LE
PM8310
TEMUX
336
PM7305
FREEDM
336LE
PM8310
TEMUX
336
PM7305
FREEDM
336LE
PM8310
TEMUX
336
PM7305
FREEDM
336LE
PM8310
TEMUX
336
ESSI
SBI
Any-PHY
SFP
Optics
PM5332
SPECTRA
1x2488
PM5309
TBS 2488
OC-48/STM-16 LINE CARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com