Electronic Components Datasheet Search
  English  ▼

X  

MCP16301 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16301
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 2 Page - Microchip Technology

  MCP16301 Datasheet HTML 1Page - Microchip Technology MCP16301 Datasheet HTML 2Page - Microchip Technology MCP16301 Datasheet HTML 3Page - Microchip Technology MCP16301 Datasheet HTML 4Page - Microchip Technology MCP16301 Datasheet HTML 5Page - Microchip Technology MCP16301 Datasheet HTML 6Page - Microchip Technology MCP16301 Datasheet HTML 7Page - Microchip Technology MCP16301 Datasheet HTML 8Page - Microchip Technology MCP16301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MCP16301/H
DS20005004E-page 4
 2011-2021 Microchip Technology Inc.
Typical Applications
VIN
GND
VFB
SW
VIN
6.0V to 36V
VOUT
5.0V @ 600 mA
COUT
2x 10 µF
CIN
10 µF
L1
22 µH
Boost
52.3 k
10 k
EN
1N4148
40V
Schottky
Diode
CBOOST
100 nF
VIN
GND
VFB
SW
VIN
4.7V to 36V
VOUT
3.3V @ 600 mA
COUT
2x 10 µF
CIN
10 µF
L1
15 µH
Boost
31.6 k
10 k
EN
1N4148
40V
Schottky
Diode
CBOOST
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com