Electronic Components Datasheet Search
  English  ▼

X  

MCP6213 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6213
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6213 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6213 Datasheet HTML 33Page - Microchip Technology MCP6213 Datasheet HTML 34Page - Microchip Technology MCP6213 Datasheet HTML 35Page - Microchip Technology MCP6213 Datasheet HTML 36Page - Microchip Technology MCP6213 Datasheet HTML 37Page - Microchip Technology MCP6213 Datasheet HTML 38Page - Microchip Technology MCP6213 Datasheet HTML 39Page - Microchip Technology MCP6213 Datasheet HTML 40Page - Microchip Technology MCP6213 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 37
MCP621/1S/2/3/4/5/9
5(&200(1'(' /$1' 3$77(51
0LFURFKLS7HFKQRORJ\'UDZLQJ 1R &' &+
/HDG3ODVWLF6PDOO2XWOLQH7UDQVLVWRU &+ &+< >627@
)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHH WKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
%6&%DVLF 'LPHQVLRQ7KHRUHWLFDOO\H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
'LPHQVLRQ /LPLWV
&RQWDFW3DG/HQJWK ;
2YHUDOO :LGWK
'LVWDQFH %HWZHHQ3DGV
&RQWDFW3DG:LGWK ;
&RQWDFW3LWFK
&RQWDFW3DG6SDFLQJ


*
=
<


0$;
0,1
&
;
(
8QLWV
120
 %6&

0,//,0(7(56
'LVWDQFH %HWZHHQ3DGV
*;

(
;
*;
<
*
&
=
6,/. 6&5((1
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com