Electronic Components Datasheet Search
  English  ▼

X  

VSP9407B Datasheet(PDF) 39 Page - Micronas

Part # VSP9407B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9407B Datasheet(HTML) 39 Page - Micronas

Back Button VSP9407B Datasheet HTML 35Page - Micronas VSP9407B Datasheet HTML 36Page - Micronas VSP9407B Datasheet HTML 37Page - Micronas VSP9407B Datasheet HTML 38Page - Micronas VSP9407B Datasheet HTML 39Page - Micronas VSP9407B Datasheet HTML 40Page - Micronas VSP9407B Datasheet HTML 41Page - Micronas VSP9407B Datasheet HTML 42Page - Micronas VSP9407B Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
39
98h
R
V36B
E1h
00h
W
V40
99h
R
V20
E2h
00h
W
V40
A0h
00h
W
NTO
E3h
00h
W
V40
A1h
00h
W
NTO
E4h
00h
W
V40
A2h
FFh
W
NTO
E5h
00h
W
V40
A3h
FFh
W
NTO
E6h
00h
W
V40
A4h
00h
W
NTO
E7h
00h
W
V40
B0h
10h
W
V20
E8h
00h
W
V40
B1h
00h
W
V20
E9h
00h
W
V40
EAh
00h
W
V40
EBh
00h
W
V40
ECh
00h
W
V40
EDh
00h
W
V40
EEh
00h
W
V40
EFh
00h
W
V40
F0-F6h
R
NTO
F7h-FDh
(spare)
FEh
W
FFh
W
Take-over mechanism
Register types
NTO
No take-over mechanism
W
Write register
V20
Take-over with V-sync
in 20 MHz domain
R
Read register
V40
Take-over with V-sync
in 40 MHz domain
Rrstyp
Reset register
after reading
V36B
Take-over with V-sync
in back-end 36.0 MHz domain
HS
Handshake mechanism required
Table 3–6: I2C bus characterization, continued
Subaddress
Default
R/W
Take-over
Subaddress
Default
R/W
Take-over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com