Electronic Components Datasheet Search
  English  ▼

X  

VSP9437B Datasheet(PDF) 5 Page - Micronas

Part # VSP9437B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9437B Datasheet(HTML) 5 Page - Micronas

  VSP9437B Datasheet HTML 1Page - Micronas VSP9437B Datasheet HTML 2Page - Micronas VSP9437B Datasheet HTML 3Page - Micronas VSP9437B Datasheet HTML 4Page - Micronas VSP9437B Datasheet HTML 5Page - Micronas VSP9437B Datasheet HTML 6Page - Micronas VSP9437B Datasheet HTML 7Page - Micronas VSP9437B Datasheet HTML 8Page - Micronas VSP9437B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
5
1.1. Features
– Integrated video matrix switch
• Up to seven CVBS inputs, up to two Y/C inputs,
• Three CVBS outputs (Y/C inputs signals are com-
bined to CVBS output format)
• 9 bit amplitude resolution for CVBS, Y/C A/D con-
verter
• AGC (Automatic Gain Control)
– Multi-standard color decoder
• PAL/NTSC/SECAM including all substandards
• Automatic recognition of chroma standard
• Only one crystal necessary for all standards
– RGB-FBL or YUV-H-V input
• 8 bit amplitude resolution for RGB or YUV
• 8 bit amplitude resolution for FBL or H
– ITU656 support (version dependent, refer to next
chapter)
• ITU656 input/output
• DS656 output (double-scan ‘656-like’ output)
– Letterbox detection
– Noise reduction
• Temporal noise reduction
• Field-based temporal noise reduction for lumi-
nance and chrominance
• Different motion detectors for luminance and
chrominance or identical
• Flexible programming of the temporal noise
reduction parameters
• Automatic measurement of the noise level
– Horizontal scaling of the 1fH signal
• Split-screen possible with additional PiP or Text
processor
– Flexible digital horizontal scaling of the 2fH signal
• Scaling factors: 3, ..., 0.75 including 16:9 compat-
ibility
• 5 zone panorama generator
– Embedded memory
• On-chip memory controller
• Embedded DRAM core for field memory
• SRAM for PAL/SECAM delay line
– Data format 4:2:2
– Flexible clock and synchronization concept
• Horizontal line-locked or free-running mode
• Vertical locked or free-running mode
– Scan-rate-conversion
• Simple interlaced modes (100/120 Hz): AABB,
AAAA, BBBB (9402A/9412A only)
• No scan-rate-conversion modes (50/60 Hz): AB,
AA, BB (9432A/9442A only)
– Flexible output sync controller
• Flexible positioning of the output signal
• Flexible programming of the output sync raster
• ‘Blank signal’ generation
– Signal manipulations
• Still field
• Insertion of colored background
• Windowing
• Vertical chrominance shift for improved VCR pic-
ture quality
– Sharpness improvement
• Digital color transition improvement (DCTI)
• Peaking (luminance)
– Three D/A converters
• 9 bit amplitude resolution for Y, -(R-Y), -(B-Y) out-
put
• 72 MHz clock frequency
• Two-fold oversampling for anti-imaging
• Simplification of external analog postfiltering
– 1920 active pixel/per line in default configuration
–I2C-bus control (400 kHz)
• Selectable I2C address
–1.8 V ±5% and 3.3 V ±5% supply voltages
– PMQFP80-1 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com