Electronic Components Datasheet Search
  English  ▼

X  

VSP9415B Datasheet(PDF) 97 Page - Micronas

Part # VSP9415B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9415B Datasheet(HTML) 97 Page - Micronas

Back Button VSP9415B Datasheet HTML 93Page - Micronas VSP9415B Datasheet HTML 94Page - Micronas VSP9415B Datasheet HTML 95Page - Micronas VSP9415B Datasheet HTML 96Page - Micronas VSP9415B Datasheet HTML 97Page - Micronas VSP9415B Datasheet HTML 98Page - Micronas VSP9415B Datasheet HTML 99Page - Micronas VSP9415B Datasheet HTML 100Page - Micronas VSP9415B Datasheet HTML 101Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
97
Subaddress A4h
D7
KPNL4
[PP]
Refer to A0h
D6
KPL4
[PP]
Refer to A0h
D5
KINL4
[PP]
Refer to A1h
D4
KIL4
[PP]
Refer to A1h
D3-D0
LIMLR
[PP]
Limit LL-PLL lock-in range
0000: full lock-in range of ±5.85 %
0001: lock in range limited to ±3.8 %
0010: lock in range limited to ±2.55 %
0011: lock in range limited to ±1.27 %
0100: ock in range limited to ±0.63 %
0101: lock in range limited to ±0.32 %
0110: lock in range limited to ±0.19 %
0111: lock in range limited to ±0.13 %
1000: lock in range limited to ±5%
1001: lock in range limited to ±4.5 %
1010: lock in range limited to ±3.1 %
1011: lock in range limited to ±2.1 %
1100: lock in range limited to ±1.5 %
1101: lock in range limited to ±1%
1110: (reserved)
1111: (reserved)
Subaddress B0
D6-D5
AGCTHD
[CP-CD]
AGC hysterisys
00: broad
01: medium 1
10: medium 2
11: small
D4-D0
FEMAG
[CP-CD]
Fine Error characteristic
00000: smallest gain
10000: default (equal to A32 version)
11111: largest gain
Table 3–8: I2C bus command description, continued
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com