Electronic Components Datasheet Search
  English  ▼

X  

CS5016-AP32 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5016-AP32
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-AP32 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5016-AP32 Datasheet HTML 2Page - Cirrus Logic CS5016-AP32 Datasheet HTML 3Page - Cirrus Logic CS5016-AP32 Datasheet HTML 4Page - Cirrus Logic CS5016-AP32 Datasheet HTML 5Page - Cirrus Logic CS5016-AP32 Datasheet HTML 6Page - Cirrus Logic CS5016-AP32 Datasheet HTML 7Page - Cirrus Logic CS5016-AP32 Datasheet HTML 8Page - Cirrus Logic CS5016-AP32 Datasheet HTML 9Page - Cirrus Logic CS5016-AP32 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
CS5016
CS5016 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 4.5V; CLKIN = 4 MHz for -16, 2 MHz for -32; Analog Source Impedance = 200
Ω;
Synchronous Sampling.)
CS5016-J, K
CS5016-A, B
CS5016-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
0.002
0.001
±1/4
0.003
0.0015
0.002
0.001
±1/4
0.003
0.0015
0.002
0.001
±1/4
0.0076
0.0015
%FS
%FS
∆LSB16
Differential Linearity
(Note 10)
16
16
16
Bits
Full Scale Error
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±2
±2
±1
±3
±3
±2
±2
±1
±3
±3
±2
±2
±2
±4
±3
LSB16
LSB16
∆LSB16
Unipolar Offset
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±1
±1
±1
±2
±3/2
±1
±1
±1
±3
±3
±1
±1
±2
±4
±3
LSB16
LSB16
∆LSB16
Bipolar Offset
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±1
±1
±1
±2
±3/2
±1
±1
±2
±2
±2
±1
±1
±2
±4
±2
LSB16
LSB16
∆LSB16
Bipolar Negative Full-Scale Error(Note 1)
J, A, S
K, B, T
Drift
(Note 2)
±2
±2
±1
±3
±3
±2
±2
±2
±3
±3
±2
±2
±2
±5
±3
LSB16
LSB16
∆LSB16
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
J, A, S
K, B, T
Full Scale, 12 kHz Input
J, A, S
K, B, T
96
100
85
85
100
104
88
91
96
100
85
85
100
104
88
91
92
100
82
85
100
104
88
91
dB
dB
dB
dB
Total Harmonic Distortion
J, A, S
Full Scale, 1 kHz Input
K, B, T
0.002
0.001
0.002
0.001
0.002
0.001
%
%
Signal-to-Noise Ratio
(Notes 1 and 9)
1 kHz, 0 dB Input
J, A, S
K, B, T
1 kHz, -60 dB Input
J, A, S
K, B, T
87
90
90
92
30
32
87
90
90
92
30
32
84
90
90
92
30
32
dB
dB
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
35
70
35
70
35
70
µVrms
µVrms
Notes: 10. Minimum resolution for which no missing codes is guaranteed
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2-12
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com