Electronic Components Datasheet Search
  English  ▼

X  

TA710AM Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TA710AM
Description  Wireless, RF SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TA710AM Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TA710AM Datasheet HTML 1Page - Transko Electronics, Inc. TA710AM Datasheet HTML 2Page - Transko Electronics, Inc. TA710AM Datasheet HTML 3Page - Transko Electronics, Inc. TA710AM Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TA710AM
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Electrical Characteristics
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operating Temperature Range
°C
0
-
+50
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
0
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Package type & size
M
Length x Width
mm²
-
3.0 x 3.0
-
Height
mm
-
-
1.3
ELECTRICAL SPECIFICATION
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Center Frequency (Fo)
MHz
-
710.0
-
Insertion Loss within 704.0 ~ 716.0 MHz
dB
-
2.0
2.5
Bandwidth
MHz
12
21
-
Amplitude Ripple within 704.0 ~ 716.0 MHz
dBp-p
-
0.9
1.2
Attenuation:
D.C ~ 690.0 MHz
dB
25
36
-
734.0 ~ 746.0 MHz
dB
35
46
-
594.0 ~ 606.0 MHz
dB
25
36
-
872.0 ~ 885.0 MHz
dB
28
36
1040.0 ~ 1052.0 MHz
dB
25
37
-
1052.0 ~ 2000.0 MHz
dB
20
23
-
2000.0 ~ 3000.0 MHz
dB
5
7
-
Return Loss within 704.0 ~ 716.0 MHz
dB
10
12
-
Notes: (1) No Matching Network (Ref. Testing Environment Circuit as shown below).
 Wireless, RF SAW Filter
 Revision 0: November 2009


Similar Part No. - TA710AM

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA710BM TRANSKO-TA710BM Datasheet
406Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2012
More results

Similar Description - TA710AM

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF915.0M-E OSCILENT-802-RF915.0M-E Datasheet
494Kb / 3P
Wireless, RF SAW Filter
803-RF325.3M-A OSCILENT-803-RF325.3M-A Datasheet
238Kb / 2P
Wireless RF SAW Filter
803-RF425.0M-C OSCILENT-803-RF425.0M-C Datasheet
397Kb / 3P
Wireless RF SAW Filter
805-RF325.3M-B OSCILENT-805-RF325.3M-B Datasheet
345Kb / 2P
Wireless RF SAW Filter
803-RF470.0M-A OSCILENT-803-RF470.0M-A Datasheet
154Kb / 5P
Wireless, RF SAW Filter
802-RF770.0M-A OSCILENT-802-RF770.0M-A_14 Datasheet
139Kb / 5P
Wireless, RF SAW Filter
802-RF813.5M-A OSCILENT-802-RF813.5M-A_14 Datasheet
137Kb / 5P
Wireless, RF SAW Filter
803-RF718.0M-A OSCILENT-803-RF718.0M-A_14 Datasheet
138Kb / 5P
Wireless, RF SAW Filter
logo
Transko Electronics, In...
TA315CM TRANSKO-TA315CM Datasheet
381Kb / 3P
Wireless, RF SAW Filter
Revision 0: June 2012
TF-259502-S21 TRANSKO-TF-259502-S21 Datasheet
512Kb / 4P
Wireless, RF SAW SAW Filter
Revision 0: June 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com