Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 2N7002
Description  60 V, 300 mA N-channel Trench MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2N7002 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  2N7002 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2N7002 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
2N7002
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 8 September 2011
2 of 13
Nexperia
2N7002
60 V, 300 mA N-channel Trench MOSFET
3.
Ordering information
4.
Marking
[1]
% = placeholder for manufacturing site code
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
2N7002
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
2N7002
12%
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C
≤ Tj ≤ 150 °C
-
60
V
VDGR
drain-gate voltage
25 °C
≤ Tj ≤ 150 °C; RGS =20 kΩ
-60
V
VGS
gate-source voltage
-30
30
V
VGSM
peak gate-source voltage
pulsed; tp ≤ 50 µs; δ = 0.25
-40
40
V
ID
drain current
VGS =10V; Tsp =25 °C; see Figure 1;
see Figure 3
-
300
mA
VGS =10V; Tsp = 100 °C; see Figure 1
-
190
mA
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tsp =25 °C; see
Figure 3
-1.2
A
Ptot
total power dissipation
Tsp =25 °C; see Figure 2
-0.83
W
Tj
junction temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tsp = 25 °C
-
300
mA
ISM
peak source current
pulsed; tp ≤ 10 µs; Tsp =25 °C
-
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com