Electronic Components Datasheet Search
  English  ▼

X  

BSP030 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BSP030
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP030 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BSP030 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSP030 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
BSP030
N-channel enhancement mode field-effect transistor
Product specification
Rev. 04 — 26 July 2000
5 of 13
9397 750 07268
© Philips Electronics N.V. 2000. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID =10 µA; VGS =0V
Tj =25 °C30
43
−
V
Tj = −55 °C27
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
1
2
2.8
V
Tj = 150 °C
0.6
−−
V
Tj = −55 °C
−−
3.5
V
IDSS
drain-source leakage current
VDS = 24 V; VGS =0V
Tj =25 °C
−
10
100
nA
Tj = 150 °C
−−
10
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0V
−
10
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =5A;
Figure 7 and 8
Tj =25 °C
−
20
30
m
Ω
VGS =5V; ID = 2.5 A;
Figure 7 and 8
Tj =25 °C
−
30
50
m
Ω
Tj = 150 °C
−−
85
m
Ω
Dynamic characteristics
gfs
forward transconductance
VDS =5V; ID = 5.5 A;
Figure 11
−
12
−
S
Qg(tot)
total gate charge
ID = 5 A; VDS =15V;
VGS =10V; Figure 14
−
24
40
nC
Qgs
gate-source charge
−
3.3
−
nC
Qgd
gate-drain (Miller) charge
−
7.4
−
nC
Ciss
input capacitance
VGS =0V; VDS =24V;
f = 1 MHz; Figure 12
−
770
−
pF
Coss
output capacitance
−
265
−
pF
Crss
reverse transfer capacitance
−
180
−
pF
td(on)
turn-on delay time
VDD = 15 V; RD =15 Ω;
VGS =10V; RG =6 Ω
−
8
−
ns
tr
turn-on rise time
−
10
−
ns
ton
turn-on time
−
18
35
ns
td(off)
turn-off delay time
−
24
−
ns
tf
turn-off fall time
−
20
−
ns
toff
turn-off time
−
44
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com