Electronic Components Datasheet Search
  English  ▼

X  

BSP220 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BSP220
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP220 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BSP220 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP220 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
April 1995
4
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP220
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
−V(BR)DSS
drain-source breakdown voltage
−ID = 10 µA
VGS = 0
200
−−
V
−I
DSS
drain-source leakage current
−VDS = 160 V
VGS = 0
−−
1
µA
±IGSS
gate-source leakage current
±VGS = 20 V
VDS = 0
−−
100
nA
−V
GS(th)
gate-source threshold voltage
−ID = 1 mA
VGS = VDS
0.8
−
2.8
V
RDS(on)
drain-source on-resistance
−ID = 200 mA
−VGS = 10 V
−
10
12
Ω
 Y
fs
transfer admittance
−ID = 200 mA
−VDS = 25 V
100
200
−
mS
Ciss
input capacitance
−VDS = 25 V
VGS = 0
f = 1 MHz
−
65
90
pF
Coss
output capacitance
−VDS = 25 V
VGS = 0
f = 1 MHz
−
20
30
pF
Crss
feedback capacitance
−VDS = 25 V
VGS = 0
f = 1 MHz
−
615
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
−ID = 250 mA
−VDD = 50 V
−VGS = 0 to 10 V
−
520
ns
toff
turn-off time
−ID = 250 mA
−VDD = 50 V
−VGS = 0 to 10 V
−
20
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com