Electronic Components Datasheet Search
  English  ▼

X  

BST82 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BST82
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BST82 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BST82 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BST82 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
BST82
N-channel enhancement mode field-effect transistor
Product specification
Rev. 03 — 26 July 2000
6 of 13
9397 750 07223
© Philips Electronics N.V. 2000. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03aa63
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VDS (V)
ID
(A)
3.5 V
Tj = 25
oC
VGS = 10V
4 V
3 V
5 V
03aa65
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
012345678
VGS (V)
ID
(A)
VDS > ID X RDSon
Tj = 25
oC
150oC
03aa64
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.1
0.2
0.3
0.4
0.5
ID (A)
RDSon
(
Ω)
VGS = 10V
Tj = 25
oC
4 V
3.5V
3 V
5 V
03aa29
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com