Electronic Components Datasheet Search
  English  ▼

X  

LM3208TL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3208TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3208TL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3208TL Datasheet HTML 9Page - National Semiconductor (TI) LM3208TL Datasheet HTML 10Page - National Semiconductor (TI) LM3208TL Datasheet HTML 11Page - National Semiconductor (TI) LM3208TL Datasheet HTML 12Page - National Semiconductor (TI) LM3208TL Datasheet HTML 13Page - National Semiconductor (TI) LM3208TL Datasheet HTML 14Page - National Semiconductor (TI) LM3208TL Datasheet HTML 15Page - National Semiconductor (TI) LM3208TL Datasheet HTML 16Page - National Semiconductor (TI) LM3208TL Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
R
DSON(P) Management
(Continued)
device uses only a small part of the PFET to minimize drive
loss of the PFET. When V
CON is greater than 0.42V (typ.),
the entire PFET is used to minimize R
DSON(P) loss. This
threshold has about 20mV (typ.) of hysteresis.
V
CON,ON
The output is disabled when V
CON is below 125mV (typ.). It
is enabled when V
CON is above 150mV (typ.). The threshold
has about 25mV (typ.) of hysteresis.
Current Limiting
A current limit feature allows the LM3208 to protect itself and
external components during overload conditions. In PWM
mode, an 1100mA (typ.) cycle-by-cycle current limit is nor-
mally used when V
CON is above 0.42V (typ.), and an 800mA
(typ.) is used when V
CON is below 0.40V (typ.). If an exces-
sive load pulls the output voltage down to approximately
0.375V, then the device switches to a timed current limit
mode when V
CON is above 0.42V (typ.). In timed current limit
mode the internal PFET switch is turned off after the current
comparator trips and the beginning of the next cycle is
inhibited for 3.5us to force the instantaneous inductor current
to ramp down to a safe value. The synchronous rectifier is off
in timed current limit mode. Timed current limit prevents the
loss of current control seen in some products when the
output voltage is pulled low in serious overload conditions.
Dynamically Adjustable Output
Voltage
The LM3208 features dynamically adjustable output voltage
to eliminate the need for external feedback resistors. The
output can be set from 0.8V to 3.6V by changing the voltage
on the analog V
CON pin. This feature is useful in PA applica-
tions where peak power is needed only when the handset is
far away from the base station or when data is being trans-
mitted. In other instances, the transmitting power can be
reduced. Hence the supply voltage to the PA can be re-
duced, promoting longer battery life. See Setting the Output
Voltage in the Application Information section for further
details. The LM3208 moves into Pulse Skipping mode when
duty cycle is over 92% and the output voltage ripple in-
creases slightly.
Thermal Overload Protection
The LM3208 has a thermal overload protection function that
operates to protect itself from short-term misuse and over-
load conditions. When the junction temperature exceeds
around 150˚C, the device inhibits operation. Both the PFET
and the NFET are turned off in PWM mode. When the
temperature drops below 125˚C, normal operation resumes.
Prolonged operation in thermal overload conditions may
damage the device and is considered bad practice.
Application Information
SETTING THE OUTPUT VOLTAGE
The LM3208 features a pin-controlled variable output volt-
age to eliminate the need for external feedback resistors. It
can be programmed for an output voltage from 0.8V to 3.6V
by setting the voltage on the V
CON pin, as in the following
formula:
V
OUT =2.5xVCON
When V
CON is between 0.32V and 1.44V, the output voltage
will follow proportionally by 2.5 times of V
CON.
If V
CON is over 1.44V (VOUT = 3.6V), sub-harmonic oscilla-
tion may occur because of insufficient slope compensation. If
V
CON voltage is less than 0.32V (VOUT = 0.8V), the output
voltage may not be regulated due to the required on-time
being less than the minimum on-time (55ns). The output
voltage can go lower than 0.8V providing a limited V
IN range
is used. Refer to datasheet curve (V
CON Voltage vs Output
Voltage) for details. This curve is for a typical part and there
could be part-to-part variation for output voltages less than
0.8V over the limited V
IN range. When the control pin voltage
is more than 0.15V (typ.), the switches are turned on. When
it is less than 0.125V (typ.), the switches are turned off. This
on/off function has 25mV (typ.) hysteresis. The quiescent
current when (V
CON = 0V and VEN = Hi) is around 600µA.
ESTIMATION OF MAXIMUM OUTPUT CURRENT
CAPABILITY
Referring to Figure 3, the Inductor peak to peak ripple cur-
rent can be estimated by:
I
IND_PP =(VIN -VOUT )xVOUT /(L1xFSW xVIN)
Where, Fsw is switching frequency.
Therefore, maximum output current can be calculated by:
I
OUT_MAX =ILIM -0.5xIIND_PP
For the worst case calculation, the following parameters
should be used:
F
SW (Lowest switching frequency): 1.8MHz
I
LIM (Lowest current limit value): 985mA
L1 (Lowest inductor value): refer to inductor data-sheet.
Note that inductance will drop with DC bias current and
temperature. The worst case is typically at 85˚C.
For example, V
IN = 4.2V, VOUT = 3.2V, L1 = 2.0µH (Induc-
tance value at 985mA DC bias current and 85˚C), F
SW =
1.8MHz , I
LIM = 985mA.
I
IND_PP = 212mA
I
OUT_MAX = 985 – 106 = 876mA
The effects of switch, inductor resistance and dead time are
ignored. In real application, the ripple current would be 10%
to 15% higher than ideal case. This should be taken into
account when calculating maximum output current. Special
attention needs to be paid that a delta between maximum
output current capability and the current limit is necessary to
satisfy transient response requirements. In practice, tran-
sient response requirements may not be met for output
current greater than 650mA.
INDUCTOR SELECTION
A 3.3µH inductor with saturation current rating over 1200mA
and low inductance drop at the full DC bias condition is
recommended for almost all applications. The inductor’s DC
resistance should be less than 0.2
Ω for good efficiency. For
low dropout voltage, lower DCR inductors are recom-
mended. The lower limit of acceptable inductance is 1.7µH
at 1200mA over the operating temperature range. Full atten-
tion should be paid to this limit, because some small induc-
tors show large inductance drops at high DC bias. These
cannot be used with the LM3208. FDK MIPW3226D3R0M is
an example of an inductor with the lowest acceptable limit
(as of Oct./05).Table 1 suggests some inductors and suppli-
ers.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com