Electronic Components Datasheet Search
  English  ▼

X  

UPD70F3003A Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPD70F3003A
Description  MOS INTEGRATED CIRCUIT
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70F3003A Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPD70F3003A Datasheet HTML 29Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 30Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 31Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 32Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 33Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 34Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 35Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 36Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
µPD70F3003A, 70F3025A, 70F3003A(A)
31
Data Sheet U13189EJ5V1DS
(8) Interrupt timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
NMI width, high
<63>
tWNIH
500
ns
NMI width, low
<64>
tWNIL
500
ns
INTPn width, high
<65>
tWITH
n = 110 to 113,
3 T + 10
ns
120 to 123, 130
to 133, 140 to 143
INTPn width, low
<66>
tWITL
n = 110 to 113,
3 T + 10
ns
120 to 123, 130
to 133, 140 to 143
Remark
T = tCYK
NMI (input)
< 63 >
< 64 >
INTPn (input)
< 65 >
< 66>
Remark n = 110 to 113, 120 to 123, 130 to 133, 140 to 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com