Electronic Components Datasheet Search
  English  ▼

X  

BCY56 Datasheet(PDF) 2 Page - Seme LAB

Part # BCY56
Description  GENERAL PURPOSE, LOW POWER, NPN SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY56 Datasheet(HTML) 2 Page - Seme LAB

  BCY56 Datasheet HTML 1Page - Seme LAB BCY56 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCY56
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4082
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CBO
Collector-Base Breakdown Voltage
IE=0
IC=10µA
45
V(BR)CEO
Collector-Emitter Breakdown Voltage
IB=0
IC=10mA
45
V(BR)EBO
Emitter-Base Breakdown Voltage
IC=0
IE=10µA
5
V
ICBO
Collector Cut-off Current
IE=0
VCB=20V
100
IEBO
Emitter Cut-off Current
IC=0
VEB=5V
100
nA
VBE(sat)
Base-Emitter Saturation Voltage
IC=2mA
VCE=5V
600
650
700
VCE(sat)
Base-Emitter Saturation Voltage
IC=10mA
IB=1mA
80
IC=100mA
IB=10mA
200
mV
hFE
DC Current Gain
IC=10µA
VCE=5V
40
IC=2mA
VCE=5V
100
200
450
IC=10mA
VCE=5V
100
fT
Transition Frequency
IC=0.5mA
VCE=5V
85
IC=10mA
VCE=5V
250
MHz
CCBO
Collector Capacitance
IE=0
VCB=5V
4.5
pF
f=1kHz
NF
Noise Figure
IC=200µA
VCE=5V
1.5
5
dB
RS=2K
f=15kHz
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both
accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com