Electronic Components Datasheet Search
  English  ▼

X  

1622016 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1622016
Description  SH-8EPS48A8LB1 - Cable connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622016 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1622016 Datasheet HTML 8Page - PHOENIX CONTACT 1622016 Datasheet HTML 9Page - PHOENIX CONTACT 1622016 Datasheet HTML 10Page - PHOENIX CONTACT 1622016 Datasheet HTML 11Page - PHOENIX CONTACT 1622016 Datasheet HTML 12Page - PHOENIX CONTACT 1622016 Datasheet HTML 13Page - PHOENIX CONTACT 1622016 Datasheet HTML 14Page - PHOENIX CONTACT 1622016 Datasheet HTML 15Page - PHOENIX CONTACT 1622016 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ST-10KP010 - Crimp contact
1618255
https://www.phoenixcontact.com/us/products/1618255
Crimp contact, Pin, turned, Single contact, contact diameter: 1 mm, crimp range:
0.06 mm2 ... 0.25 mm2, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1243215
ST-10KP035 - Crimp contact
1618458
https://www.phoenixcontact.com/us/products/1618458
Crimp contact, Pin, turned, contact diameter: 1 mm, crimp range: 0.25 mm2 ... 1
mm2, Alternative product in accordance with RoHS II without Exemption 6c
(Pb <0.1%) item no.: 1243215
SH-8EPS48A8LB1 - Cable connector
1622016
https://www.phoenixcontact.com/us/products/1622016
Jul 11, 2023, 4:22 AM
Page 13 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com