Electronic Components Datasheet Search
  English  ▼

X  

CLD142 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLD142
Description  Silicon Planar photodiodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLD142 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLD142 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
Case 11
0.025 (0.64) max.
0.190 (4.83)
0.210 (5.33)
0.050 (1.27)
0.030 (0.76)
0.147 (3.73)
0.137 (3.48)
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.158 (4.01)
0.136 (3.45)
0.100 (2.54) dia.
CATHODE
ANODE
CLD142, CLD142R
Silicon Planar photodiodes
Clairex
Technologies, Inc.
May, 2001
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• 14° acceptance angle
• 860nm peak response
• TO-46 hermetic package
• large photosensitive area
• usable for visible through near-IR
description
The CLD142 and CLD142R are
0.051" x 0.051" active area silicon
photodiodes featuring high linearity,
low dark current and fast response.
The TO-46 header provides thermal
environment for reliable operation
over a wide temperature range.
Narrow acceptance angle enables
excellent on-axis coupling, For
additional information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature........................................................................-55°C to +150°C
operating temperature.....................................................................-55°C to +150°C
lead soldering temperature
(1) ..........................................................................260°C
reverse voltage ...................................................................................................30V
maximum continuous power dissipation
(2).....................................................200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 1.28mW/°C free air temperature to TA = +150°C.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
ISC
Short-circuit current(3)
35
-
-
µA
VBIAS = 0V
-
-
5.0
nA
ID
Dark current
CLD142
CLD142R
-
-
5.0
nA
VF = 100mV, Ee = 0
VR = 15V, Ee = 0
VO
Open circuit voltage
(3)
-
0.35
-
V
CJ
Junction capacitance
-
-
40
pF
VBIAS = 0V, f = 1MHz
tr, tf
Output rise and fall time
-
-
3.0
µs
RL = 1kΩ
ΘHP
Total angle at half sensitivity points
-
14
-
deg.
notes: 3. Radiation source is a tungsten lamp at a color temperature of 2854K and Ee = 5mW/cm2 or equivalent.
Revised 12/01/04


Similar Part No. - CLD142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLD141 ETC1-CLD141 Datasheet
89Kb / 1P
Silicon Planar photodiodes
CLD141R ETC1-CLD141R Datasheet
89Kb / 1P
Silicon Planar photodiodes
More results

Similar Description - CLD142

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
Silicon PIN Photodiodes
logo
PerkinElmer Optoelectro...
C30902E PERKINELMER-C30902E Datasheet
232Kb / 7P
Silicon Avalanche Photodiodes
logo
List of Unclassifed Man...
C30637 ETC1-C30637 Datasheet
153Kb / 4P
Planar PIN InGaAs Photodiodes
CLD141 ETC1-CLD141 Datasheet
89Kb / 1P
Silicon Planar photodiodes
logo
Advanced Photonix, Inc.
PDB-V609-3 ADVANCEDPHOTONIX-PDB-V609-3 Datasheet
91Kb / 1P
Solderable Silicon Photodiodes
PDB-C612-2 ADVANCEDPHOTONIX-PDB-C612-2 Datasheet
94Kb / 1P
Solderable Silicon Photodiodes
logo
Clairex Technologies, I...
CLD240 CLAIREX-CLD240 Datasheet
152Kb / 2P
Silicon PIN Photodiodes
logo
Luna Innovations Incorp...
PDB-V601-1 LUNA-PDB-V601-1 Datasheet
165Kb / 2P
Solderable Silicon Photodiodes
PDB-C615-2 LUNA-PDB-C615-2 Datasheet
190Kb / 2P
Solderable Silicon Photodiodes
PDB-V612-2 LUNA-PDB-V612-2 Datasheet
96Kb / 2P
Solderable Silicon photodiodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com