Electronic Components Datasheet Search
  English  ▼

X  

ST72344 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72344
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72344 Datasheet HTML 4Page - STMicroelectronics ST72344 Datasheet HTML 5Page - STMicroelectronics ST72344 Datasheet HTML 6Page - STMicroelectronics ST72344 Datasheet HTML 7Page - STMicroelectronics ST72344 Datasheet HTML 8Page - STMicroelectronics ST72344 Datasheet HTML 9Page - STMicroelectronics ST72344 Datasheet HTML 10Page - STMicroelectronics ST72344 Datasheet HTML 11Page - STMicroelectronics ST72344 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 191 page
background image
ST72340, ST72344, ST72345
8/191
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to See “ELECTRICAL CHARACTERISTICS” on page 152.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
On the chip, each I/O port may have up to 8 pads. Pads that are not bonded to external pins are set in in-
put pull-up configuration after reset through the option byte Package selection. The configuration of these
pads must be kept at reset state to avoid added current consumption.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
113 14
VDDA
S
Analog Supply Voltage
214 15
VSSA
S
Analog Ground Voltage
315 16
PF0/MCO/
AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock out
(fOSC/2)
ADC Analog
Input 8
416 17
PF1 (HS)/
BEEP
I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
17 18
PF2 (HS)
I/O CT HS
X
ei1
X
X
Port F2
518 19
PF4/
OCMP1_A/
AIN10
I/O CT
X
XX
X
X
Port F4
Timer A Output
Compare 1
ADC Analog
Input 10
619 20
PF6 (HS)/
ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
720 21
PF7 (HS)/
EXTCLK_A
I/O CT HS
X
X
X
X
Port F7
Timer A External Clock Source
-21 22
VDD_0
S
Digital Main Supply Voltage
-22 23
VSS_0
S
Digital Ground Voltage
823 24
PC0/
OCMP2_B/
AIN12
I/O CT
X
XX
X
X
Port C0
Timer B Output
Compare 2
ADC Analog
Input 12
924 27
PC1/
OCMP1_B/
AIN13
I/O CT
X
XX
X
X
Port C1
Timer B Output
Compare 1
ADC Analog
Input 13
10 25 28
PC2 (HS)/
ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com