Electronic Components Datasheet Search
  English  ▼

X  

MAX4213 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4213
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4213 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4213 Datasheet HTML 1Page - Maxim Integrated Products MAX4213 Datasheet HTML 2Page - Maxim Integrated Products MAX4213 Datasheet HTML 3Page - Maxim Integrated Products MAX4213 Datasheet HTML 4Page - Maxim Integrated Products MAX4213 Datasheet HTML 5Page - Maxim Integrated Products MAX4213 Datasheet HTML 6Page - Maxim Integrated Products MAX4213 Datasheet HTML 7Page - Maxim Integrated Products MAX4213 Datasheet HTML 8Page - Maxim Integrated Products MAX4213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VEE = 0, EN_ = 5V, RL = 2k
Ω to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
EN_ = 0
EN_ Logic Input Low Current
IIL
200
400
µA
(VEE + 0.2V)
≤ EN_ ≤ VCC
Output Current
IOUT
mA
TA = +25°C
0.40
0.65
Disabled (EN_ = 0)
Quiescent Supply Current
(per Amplifier)
IS
5.5
7.0
mA
Enabled
EN_ Logic Input High Current
IIH
0.5
10
µA
EN_ = 5V
0.5
EN_ Logic-High Threshold
VIH
VCC - 1.6
V
EN_ Logic-Low Threshold
VIL
VCC - 2.6
V
Disabled Output Resistance
ROUT (OFF)
20
35
k
Ω
EN_ = 0, 0
≤ VOUT ≤ 5V (Note 3)
45
VCC = 3.3V, VEE = 0, VCM = 0.90V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Supply-Voltage
Range
VS
3.15
11.0
V
54
66
Power-Supply Rejection Ratio
(Note 2)
PSRR
46
57
dB
Output Short-Circuit Current
ISC
±150
mA
Open-Loop Output Resistance
ROUT
8
Ω
VCC to VEE
VCC = 5V, VEE = -5V, VCM = 0
VCC = 5V, VEE = 0, VCM = 2.0V
Sinking or sourcing
TA = TMIN to TMAX
±60
±70
±120
CONDITIONS
RL = 20
Ω to VCC or
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com