Electronic Components Datasheet Search
  English  ▼

X  

2SC5761 Datasheet(PDF) 2 Page - NEC

Part # 2SC5761
Description  NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5761 Datasheet(HTML) 2 Page - NEC

  2SC5761 Datasheet HTML 1Page - NEC 2SC5761 Datasheet HTML 2Page - NEC 2SC5761 Datasheet HTML 3Page - NEC 2SC5761 Datasheet HTML 4Page - NEC 2SC5761 Datasheet HTML 5Page - NEC 2SC5761 Datasheet HTML 6Page - NEC 2SC5761 Datasheet HTML 7Page - NEC 2SC5761 Datasheet HTML 8Page - NEC 2SC5761 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet PU10212EJ02V0DS
2
2SC5761
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
−−
200
nA
Emitter Cut-off Current
IEBO
VBE = 0.5 V, IC = 0 mA
−−
200
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 5 mA
200
−
400
−
RF Characteristics
Insertion Power Gain
S21e2 VCE = 2 V, IC = 20 mA, f = 2 GHz
16.0
18.0
−
dB
Noise Figure
NF
VCE = 2 V, IC = 5 mA, f = 2 GHz,
ZS = Zopt
−
0.9
1.1
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0 mA, f = 1 MHz
−
0.17
0.22
pF
Maximum Stable Power Gain
MSG
Note 3
VCE = 2 V, IC = 20 mA, f = 2 GHz
18.0
20.0
−
dB
Gain 1 dB Compression Output Power
PO (1 dB)
VCE = 2 V, IC = 20 mA, f = 2 GHz
−
12.0
−
dBm
3rd Order Intermodulation Distortion
Output Intercept Point
OIP3
VCE = 2 V, IC = 20 mA, f = 2 GHz
−
22.0
−
dBm
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MSG =
hFE CLASSIFICATION
Rank
FB
Marking
T16
hFE Value
200 to 400
S21
S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com