Electronic Components Datasheet Search
  English  ▼

X  

POC-821 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # POC-821
Description  21" Point-of-Care Terminal with 9th Generation Intel Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-821 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  POC-821 Datasheet HTML 1Page - Advantech Co., Ltd. POC-821 Datasheet HTML 2Page - Advantech Co., Ltd. POC-821 Datasheet HTML 3Page - Advantech Co., Ltd. POC-821 Datasheet HTML 4Page - Advantech Co., Ltd. POC-821 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
All product specifications are subject to change without notice.
Last updated: 8-Feb-2023
POC-821
21" Point-of-Care Terminal with
9th Generation Intel Processor
ƒ
Intel 9th generation core i7 processor, up to 8 core.
ƒ
21.5" full HD display, multi-touch
ƒ
NVIDIA MXM modules T1000/RTX3000 supported for edge AI applications
ƒ
IP65 front side for Infection control
ƒ
Medical 60601-1 compliance
ƒ
Optional Wi-Fi, Bluetooth, RFID and camera
ƒ
Equipped with Advantech’s DeviceOn device management software
ƒ
Wi-Fi 6 supported
Introduction
POC-821 is equipped with an integrated SSD, which facilitates real-time data processing and storage. It also supports MXM graphics modules for high-end graphic applications.
Compliant with IEC 60601-1 medical safety standards for electrical devices, POC-8 terminals are built for reliable operation in a wide range of healthcare environments.
Moreover, POC-821 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Computing System
CPU*
Intel® Core™ i7-9700E processor, 8 Core, 2GHz (12M cache, up to 4.40 GHz)
Memory
Support up to 32GB DDR4 SODIMM (See selection list of CTOS service)
Operating System (Optional)
Windows 10 IoT Ent (64 bits only)
Storage
Primary Storage
Support up to M.2 SSD 512GB. (See selection list of CTOS service)
Secondary Storage (Optional)
2.5" SATA SSD available (up to 2TB)
Display
Size
21.5"
Max Resolution
1920 x 1080 full HD
Touch
Type
Projected capacitive 10-points (Clear glass). AG/AR support by request
Graphic
MXM Module Options
NVIDIA T1000 or RTX3000 MXM module
I/O ports
DC in
x 1
USB 3.0
x 4
HDMI
x 1
Display Port
x 1
LAN
x 3
Line-out
x 1
Mic-in
x 1
COM (RS232)
x 2
Expansion Slots
PCIe x 16
x 1 (Slot is reserved for MXM graphic modules and will be occupied if installing a MXM module already.)
M.2 2242 B. Key
x 1 (for M.2 SSD primary storage)
M.2 2230 E. Key
x 1 (for Wi-Fi/ Bluetooth module)
Other Functions
Speaker
x 2
Camera (Optional)
5M pixel camera available
TPM
2.0 (default)
Power Input
DC
DC input 12V (Adapter 100-240V/ac, max. 240W)
IP Rating
Front Panel
IP65**
Authentication Solution
RFID (Optional)
Module as option available
Certificate
EMC & Safety Certificate
Medical CE, FCC
Medical, IEC 60601-1 compliance (MDR)
UL 60601-1
CCC
Physical Characteristics
Dimensions (W x H x D)
523.67 x 356.65 x 57mm (20.6" x 14.01" x 2.24")
VESA Mount
100 x 100; 75 x 75 mm
Weight
7 kg (15.43 Ibs)
Environment
Temperature
Operating: 0° C ~ +35° C
Storage: 0° C ~ +50° C
Warranty
Warranty
System : 3 year
*Other CPUs supported by project. For details, please contact the sales representative.
**Optional for whole system IPX1 design. For more details, please contact the sales representative.
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - POC-821

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-824 ADVANTECH-POC-824 Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
POC-824-11B010-CA ADVANTECH-POC-824-11B010-CA Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
More results

Similar Description - POC-821

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-175 ADVANTECH-POC-175 Datasheet
597Kb / 2P
17 Intel Pentium M Processor-based Point-of-Care Terminal
POC-W242-A11D-ACE ADVANTECH-POC-W242-A11D-ACE Datasheet
369Kb / 2P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel Core i7 4th Generation Processor
POC-127 ADVANTECH-POC-127 Datasheet
294Kb / 2P
12.1' Point of Care Terminal with Intel Atom Processor
POC-615 ADVANTECH-POC-615 Datasheet
707Kb / 5P
15" Point-of-Care Terminal with 11th Generation Intel® Processor
2-May-2023
POC-621 ADVANTECH-POC-621 Datasheet
1Mb / 5P
21" Point-of-Care Terminal with 11th Generation Intel® Processor
2-May-2023
POC-624 ADVANTECH-POC-624 Datasheet
1Mb / 5P
24" Point-of-Care Terminal with 11th Generation Intel® Processor
2-May-2023
POC-824 ADVANTECH-POC-824 Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
POC-W213L ADVANTECH-POC-W213L Datasheet
1Mb / 2P
21" Clinical Grade Widescreen Point-of-Care Terminal
17-Mar-2020
POC-W243 ADVANTECH-POC-W243 Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-WP243 ADVANTECH-POC-WP243 Datasheet
941Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com