Electronic Components Datasheet Search
  English  ▼

X  

HD26LS31 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26LS31 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD26LS31 Datasheet HTML 1Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 2Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 3Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 4Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 5Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 6Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 7Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 8Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HD26LS31
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC
7.0
V
Input Voltage
V
IN
7.0
V
Output Voltage
V
OUT
5.5
V
Power Dissipation
P
T
1W
Storage Temperature Range
Topr
0 to +70
°C
Lead Temperature Range
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Application Terminal
Supply Voltage
V
CC
4.75
5.0
5.25
V
VCC
Output Current
I
OH
—
—
–40
mA
All Output
Output Current
I
OL
—
—
40
mA
All Output
Operating Temperature
Topr
0
25
70
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com