Electronic Components Datasheet Search
  English  ▼

X  

HSMP-381B Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMP-381B
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381B Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMP-381B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications, T
C = +25°C, each diode,
continued
High Frequency (Low Inductance, 500 MHz – 3 GHz PIN Diodes
Minimum
Maximum
Typical
Maximum
Typical
Part
Package
Breakdown
Series
Total
Total
Total
Number
Marking
Voltage
Resistance Capacitance Capacitance Inductance
HSMP-
Code
Configuration
V
BR (V)
R
S (Ω)C T (pF)
C
T (pF)
L
T (nH)
Application
481B
EB
Dual Cathode
100
3.0
0.35
0.4
1.0
Attenuator
482B
FA
Dual Anode
50
0.6*
0.75*
1.0
1.0*
Limiter
489B
GA
Dual Anode
100
2.5**
0.33**
0.375*
1.0
Switch
Test Conditions
V
R = VBR
I
F = 100 mA
V
R = 50 V
V
R = 50 V
f =500 MHz –
Measure
I
F = 10 mA*
f = 1 MHz
f = 1 MHz
3 GHz
I
R ≤ 10 µAIF = 5 mA**
V
R = 20 V*
V
R = 5 V*
V
R = 20 V*
V
R = 5 V**
Typical Parameters
Part Number
Total Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
R
T (Ω)
τ (ns)
T
rr (ns)
(pF)
381A Series
75
1500
300
0.27
386A Series
22
500
80
0.20
389A Series
3.8
200*
—
—
Test Conditions
I
F = 1 mA
I
F = 50 mA
V
R = 10 V
50 V
f = 100 MHz
T
R = 250 mA
I
F = 20 mA
I
F = 10 mA*
90% Recovery
I
R = 6 mA*
Note:
1. Package marking code is laser marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com