Electronic Components Datasheet Search
  English  ▼

X  

CDCD5704PWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704PWR
Description  Rambus TM XDR TM CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704PWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCD5704PWR Datasheet HTML 8Page - Texas Instruments CDCD5704PWR Datasheet HTML 9Page - Texas Instruments CDCD5704PWR Datasheet HTML 10Page - Texas Instruments CDCD5704PWR Datasheet HTML 11Page - Texas Instruments CDCD5704PWR Datasheet HTML 12Page - Texas Instruments CDCD5704PWR Datasheet HTML 13Page - Texas Instruments CDCD5704PWR Datasheet HTML 14Page - Texas Instruments CDCD5704PWR Datasheet HTML 15Page - Texas Instruments CDCD5704PWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.ti.com
S0201-01
V
TS
CLK
V =1.2V
T
V
TS
CLKB
V =1.2V
T
XCG
CDCD5704
MeasurementPoints
R
1
R
2
R
3
R
1
R
2
R
3
R
T
R
T
Z =50
0
W
Z =50
0
W
R
RC
V(t)
t
f
t
r
V
H
V
L
20%
80%
T0132-01
CDCD5704
SCAS823 – DECEMBER 2006
NOTE: In the power-up sequence, the rise time for the external voltage applied to the clock output pins (VTS) must be equal
to or longer than the rise time for the supply voltage of the device (VDD, VDDP, VDDC).
PARAMETER
VALUE for 50-
Ω LINE
VALUE for IOL,ABS
TOLERANCE
UNIT
R1
Termination resistor
39.2
34
±1%
Ω
R2
Termination resistor
66.5
31.8
±1%
Ω
R3
Termination resistor
93.1
48.7
±1%
Ω
RT
Termination resistor
49.9
28
±1%
Ω
RRC
Swing control resistor
200
147
±1%
Ω
VTS
Source termination voltage
2.5
2.5
±5%
V
VT
Termination voltage
1.2
1.2
±5%
V
Figure 3. Output Test Load
Figure 4. Input and Output Waveforms
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com