Electronic Components Datasheet Search
  English  ▼

X  

NFM18C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NFM18C
Description  On-Board Type (DC) EMI Suppression Filters (EMIFIL)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM18C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NFM18C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM18C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM18C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM18C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
76
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NFM3DC Series
The chip "EMIFIL" NFM3DC series is a chip type
3-terminal EMI suppression filter. It can reduce
residual inductance to an extremely low level making
it excellent for noise suppression at high frequencies.
s Feature
An electrostatic capacitance range of 22 to 22,000pF
enables suppression of noise at specific frequencies.
s Application
High noise radiation and high impedance circuits such
as digital circuits
1.1
±0.3
3.2
±0.2
0.3
±0.2
1.25
±0.2
(1)
(2)
(2)
(3)
(in mm)
NFM3DC
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(mA)
Insulation Resistance
(min.)
(M ohm)
Operating Temperature Range
(
°C)
NFM3DCC220U1H3
22 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC470U1H3
47 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC101U1H3
100 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC221R1H3
220 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC471R1H3
470 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC102R1H3
1000 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC222R1H3
2200 +50%,-20%
50
300
1000
-55 to +125
NFM3DCC223R1H3
22000 +50%,-20%
50
300
1000
-55 to +125
s Equivalent Circuit
Input
(1)
Output (3)
(2)
GND
* no polarity.
s Insertion Loss Characteristics (Typical)
0
20
40
60
80
100
1
5
10
50
100
500
1000
2000
Frequency (MHz)
(50
Ω - 50Ω)
NFM3DCC470U1H3
NFM3DCC220U1H3
NFM3DCC101UH3
NFM3DCC221R1H3
NFM3DCC471R1H3
NFM3DCC102R1H3
NFM3DCC222R1H3
NFM3DCC223R1H3
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C31E10.pdf 03.9.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com