Electronic Components Datasheet Search
  English  ▼

X  

PLUS16R6 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PLUS16R6
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R6 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PLUS16R6 Datasheet HTML 7Page - NXP Semiconductors PLUS16R6 Datasheet HTML 8Page - NXP Semiconductors PLUS16R6 Datasheet HTML 9Page - NXP Semiconductors PLUS16R6 Datasheet HTML 10Page - NXP Semiconductors PLUS16R6 Datasheet HTML 11Page - NXP Semiconductors PLUS16R6 Datasheet HTML 12Page - NXP Semiconductors PLUS16R6 Datasheet HTML 13Page - NXP Semiconductors PLUS16R6 Datasheet HTML 14Page - NXP Semiconductors PLUS16R6 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
46
AC ELECTRICAL CHARACTERISTICS
R1 = 200Ω, R2 = 390Ω, 0°C ≤ Tamb ≤ +75°C, 4.75 ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
FROM
TO
–7
D
UNIT
MIN1
TYP
MAX
MIN1
MAX
Pulse Width
tCKH
Clock High
CK+
CK–
5
7
ns
tCKL
Clock Low
CK–
CK+
5
7
ns
tCKP
Period
CK+
CK+
10
14
ns
Setup & Hold time
tIS
Input
Input or
feedback
CK+
7
9
ns
tIH
Input
CK+
Input or
feedback
0
0
ns
Propagation delay
tCKO
Clock
CK
±
Q
±
3
6.5
3
7.5
ns
tCKF
Clock3
CK
±
Q
3
6.5
ns
tPD
Output (16L8, R6, R4)2
I, B
Output
3
7.5
3
10
ns
tOE1
Output enable4
OE
Output enable
3
8
3
10
ns
tOE2
Output enable4,5
I
Output enable
3
10
3
10
ns
tOD1
Output disable4
OE
Output disable
3
8
3
10
ns
tOD2
Output disable4,5
I
Output disable
3
10
3
10
ns
tSKW
Output
Q
Q
1
1
ns
tPPR
Power-Up Reset
VCC+
Q+
10
10
ns
Frequency (16R8, R6, R4)
No feedback 1/ (tCKL + tCKH)6
100
71.4
MHz
fMAX
Internal feedback 1/ (tIS + tCKF)6
90
64.5
MHz
External feedback 1/ (tIS + tCKO)6
74
60.6
MHz
*
For definitions of the terms, please refer to the Timing/Frequency Definitions tables.
NOTES:
1. CL = 0pF while measuring minimum output delays.
2. tPD test conditions: CL = 50pF (with jig and scope capacitance), VIH = 3V, VIL = 0V, VOH = VOL = 1.5V.
3. tCKF was calculated from measured Internal fMAX.
4. For 3-State output; output enable times are tested with CL = 50pF to the 1.5V level, and S1 is open for high-impedance to High tests and
closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output
voltage of VT = (VOH – 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed.
5. Same function as tOE1 and tOD1, with the difference of using product term control.
6. Not 100% tested, but calculated at initial characterization and at any time a modification in design takes place which may affect the
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com