Electronic Components Datasheet Search
  English  ▼

X  

PLUS16R4 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PLUS16R4
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R4 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PLUS16R4 Datasheet HTML 8Page - NXP Semiconductors PLUS16R4 Datasheet HTML 9Page - NXP Semiconductors PLUS16R4 Datasheet HTML 10Page - NXP Semiconductors PLUS16R4 Datasheet HTML 11Page - NXP Semiconductors PLUS16R4 Datasheet HTML 12Page - NXP Semiconductors PLUS16R4 Datasheet HTML 13Page - NXP Semiconductors PLUS16R4 Datasheet HTML 14Page - NXP Semiconductors PLUS16R4 Datasheet HTML 15Page - NXP Semiconductors PLUS16R4 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
49
OUTPUT REGISTER PRELOAD
VOH
REGISTERED I/O
INPUT
OUTPUT
VOL
VIH
VIL
VIHH
VIL
VIH
VIL
PIN 1 CLOCK
PIN 11 OE
td
tsu
tw
td
td
NOTE:
td = tsu = tw = 100ns to 1000ns.
VIHH = 10.25V to 10.75V.
The output registers can be preloaded to any desired state during device testing. This permits any state to be tested without having to step
through the entire state-machine sequence. Each register is preloaded individually by following the steps given below.
Step 1.
With VCC at 5V and Pin 1 at VIL, raise Pin 11 to VIHH.
Step 2.
Apply either VIL or VIH to the output corresponding to the register to be preloaded.
Step 3.
Pulse Pin 1, clocking in preload data.
Step 4.
Remove output voltage, then lower Pin 11 to VIL. Preload can be verified by observing the voltage level at the output pin.
Pin number references for DIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com